Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9059PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9059PCB
Description  Dual 8-Bit, 60 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9059PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9059PCB Datasheet HTML 4Page - Analog Devices AD9059PCB Datasheet HTML 5Page - Analog Devices AD9059PCB Datasheet HTML 6Page - Analog Devices AD9059PCB Datasheet HTML 7Page - Analog Devices AD9059PCB Datasheet HTML 8Page - Analog Devices AD9059PCB Datasheet HTML 9Page - Analog Devices AD9059PCB Datasheet HTML 10Page - Analog Devices AD9059PCB Datasheet HTML 11Page - Analog Devices AD9059PCB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD9059
–8–
REV. 0
Power Dissipation
The power dissipation of the AD9059 is specified to reflect a
typical application setup under the following conditions: en-
code is 60 MSPS, analog input is –0.5 dBFS at 10.3 MHz, VD
is +5 V, VDD is +3 V, and digital outputs are loaded with 7 pF
typical (10 pF maximum). The actual dissipation will vary as
these conditions are modified in user applications. Figure 8
shows typical power consumption for the AD9059 versus ADC
encode frequency and VDD supply voltage.
28
1
3
1k
Ω
1k
Ω
AINA
AINB
VREF
AD9059
0.1µF
0.1µF
0.1µF
+5V
VINA
(1V p-p)
EXTERNAL VREF
(OPTIONAL)
VINB
(1V p-p)
Figure 14. Capacitively Coupled AD9059
A power-down function allows users to reduce power dissipa-
tion when ADC data is not required. A TTL/CMOS HIGH
signal (PWRDN) shuts down portions of the dual ADC and
brings total power dissipation to less than 10 mW. The internal
bandgap voltage reference remains active during power-down
mode to minimize ADC reactivation time. If the power-down
function is not desired, Pin 3 should be tied to ground. Both
ADC channels are controlled simultaneously by the PWRDN
pin; they cannot be shut down or turned on independently.
Applications
The wide analog bandwidth of the AD9059 makes it attractive
for a variety of high performance receiver and encoder applica-
tions. Figure 16 shows the dual ADC in a typical low cost I & Q
demodulator implementation for cable, satellite, or wireless
LAN modem receivers. The excellent dynamic performance of
the ADC at higher analog input frequencies and encode rates
empowers users to employ direct IF sampling techniques (refer
to Figure 3, Spectral Plot). IF sampling eliminates or simplifies
analog mixer and filter stages to reduce total system cost and
power.
28
1
10k
Ω
1k
Ω
AINA
AINB
VREF
AD9059
0.1µF
+5V
VINA
VINB
(–0.5V TO +0.5V)
10k
Ω
+5V
+5V
AD8041
AD8041
1k
Ω
1k
Ω
1k
Ω
3
Figure 15. DC Coupled AD9059 (VIN Inverted)
AD9059
BPF
BPF
90
°
VCO
IF IN
VCO
ADC
ADC
Figure 16. I and Q Digital Receiver
The high sampling rate and analog bandwidth of the AD9059
are ideal for computer RGB video digitizer applications. With a
full-power analog bandwidth of 2
× the maximum sampling rate,
the ADC provides sufficient pixel-to-pixel transient settling
time to ensure accurate 60 MSPS video digitization. Figure 17
shows a typical RGB video digitizer implementation for the
AD9059.
8
RED
GREEN
AD9059
BLUE
AD9059
H-SYNC
PLL
PIXEL CLOCK
8
8
ADC
ADC
ADC
ADC
Figure 17. RGB Video Encoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com