Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9244 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40/65 MSPS Monolithic A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9244 Datasheet HTML 3Page - Analog Devices AD9244 Datasheet HTML 4Page - Analog Devices AD9244 Datasheet HTML 5Page - Analog Devices AD9244 Datasheet HTML 6Page - Analog Devices AD9244 Datasheet HTML 7Page - Analog Devices AD9244 Datasheet HTML 8Page - Analog Devices AD9244 Datasheet HTML 9Page - Analog Devices AD9244 Datasheet HTML 10Page - Analog Devices AD9244 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
REV. A
AD9244
–7–
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
AGND
AGND
AVDD
AVDD
AGND
CLK–
CLK+
NIC
OEB
D0 (LSB)
D1
D2
D11
D12
D13 (MSB)
OTR
DRVDD
DGND
AVDD
AGND
AGND
AVDD
DFS
SENSE
AD9244
TOP VIEW
(NOT TO SCALE)
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1, 2, 5, 32, 33
AGND
Analog Ground.
3, 4, 31, 34
AVDD
Analog Supply Voltage.
6, 7
CLK–, CLK+
Differential Clock Inputs.
8, 44
NIC
No Internal Connection.
9
OEB
Digital Output Enable (Active Low).
10
D0 (LSB)
Least Significant Bit, Digital Output.
11–13, 16–21,
D1–D3, D4–D9,
Digital Outputs.
24–26
D10–D12
14, 22, 30
DGND
Digital Ground.
15, 23, 29
DRVDD
Digital Supply Voltage.
27
D13 (MSB)
Most Significant Bit, Digital Output.
28
OTR
Out-of-Range Indicator (Logic 1 indicates OTR).
35
DFS
Data Format Select. Connect to AGND for straight binary, AVDD for twos complement.
36
SENSE
Internal Reference Control.
37
VREF
Internal Reference.
38
REFGND
Reference Ground.
39–42
REFB, REFT
Internal Reference Decoupling.
43
DCS
50% Duty Cycle Stabilizer. Connect to AVDD to activate 50% duty cycle stabilizer, AGND
for external control of both clock edges.
45
CML
Common-Mode Reference (0.5
× AVDD).
46, 47
VIN+, VIN–
Differential Analog Inputs.
48
VR
Internal Bias Decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com