Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9244 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40/65 MSPS Monolithic A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9244 Datasheet HTML 14Page - Analog Devices AD9244 Datasheet HTML 15Page - Analog Devices AD9244 Datasheet HTML 16Page - Analog Devices AD9244 Datasheet HTML 17Page - Analog Devices AD9244 Datasheet HTML 18Page - Analog Devices AD9244 Datasheet HTML 19Page - Analog Devices AD9244 Datasheet HTML 20Page - Analog Devices AD9244 Datasheet HTML 21Page - Analog Devices AD9244 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
REV. A
–18–
AD9244
REFERENCE OPERATION
The AD9244 contains a band gap reference that provides a pin-
strappable option to generate either a 1 V or 2 V output. With the
addition of two external resistors, the user can generate reference
voltages between 1 V and 2 V. Another alternative is to use an
external reference for designs requiring enhanced accuracy and/or
drift performance as described later in this section. Figure 9a
shows a simplified model of the internal voltage reference of the
AD9244. A reference amplifier buffers a 1 V fixed reference. The
output from the reference amplifier, A1, appears on the VREF pin.
As stated earlier, the voltage on the VREF pin determines the
full-scale differential input span of the ADC.
REFT
REFB
VREF
SENSE
REFGND
AD9244
TO
ADC
2.5V
A1
A2
1V
LOGIC
DISABLE
A1
R
R
Figure 9a. Equivalent Reference Circuit
The voltage appearing at the VREF pin and the state of the internal
reference amplifier, A1, are determined by the voltage present at
the SENSE pin. The logic circuitry contains comparators that
monitor the voltage at the SENSE pin. The various reference
modes are summarized in Table II and are described in the next
few sections.
The actual reference voltages used by the internal circuitry of the
AD9244 appear on the REFT and REFB pins. The voltages on
these pins are symmetrical about midsupply or CML. For proper
operation, it is necessary to add a capacitor network to decouple
these pins. Figure 9b shows the recommended decoupling network.
The turn-on time of the reference voltage appearing between
REFT and REFB is approximately 10 ms and should be taken
into consideration in any power-down mode of operation. The
VREF pin should be bypassed to the REFGND pin with a 10
µF
tantalum capacitor in parallel with a low inductance 0.1
µF
ceramic capacitor.
10 F
0.1 F
0.1 F
0.1 F
0.1 F*
10 F
VREF
REFT
REFB
AD9244
*LOCATE AS CLOSE AS POSSIBLE TO REFT/REFB PINS
REFGND
+
+
Figure 9b. Reference Decoupling
Pin Programmable Reference
By shorting the VREF pin directly to the SENSE pin, the internal
reference amplifier is placed in a unity gain mode and the resulting
VREF output is 1 V. By shorting the SENSE pin directly to the
REFGND pin, the internal reference amplifier is configured for a
gain of 2.0 and the resulting VREF output is 2.0 V.
Resistor Programmable Reference
Figure 10 shows an example of how to generate a reference voltage
other than 1.0 V or 2.0 V with the addition of two external
resistors. Use the equation
VREF
V
R R
=× +
()
11
1 2
/
to determine the appropriate values for R1 and R2. These resistors
should be in the 2 k
Ω to 10 kΩ range. For the example shown,
R1 equals 2.5 k
Ω and R2 equals 5 kΩ. From the equation above,
the resulting reference voltage on the VREF pin is 1.5 V. This
sets the differential input span to 1.5 V p-p. The midscale voltage
can also be set to VREF by connecting VIN– to VREF.
10 F
0.1 F
10 F
0.1 F
0.1 F
0.1 F
REFT
REFB
VREF
SENSE
REFGND
AD9244
VIN+
VIN–
3.25V
1.75V
2.5V
1.5V
33
33
20pF
R1
2.5k
R2
5k
Figure 10. Resistor Programmable Reference (1.5 V p-p
Input Span, Differential Input with VCM = 2.5 V)
Using an External Reference
To use an external reference, the internal reference must be
disabled by connecting the SENSE pin to AVDD. The AD9244
contains an internal reference buffer, A2 (see Figure 9a), that
simplifies the drive requirements of an external reference. The
external reference must be able to drive a 5 k
Ω (±20%) load. The
bandwidth of the reference is deliberately left small to minimize
the reference noise contribution. As a result, it is not possible to
drive VREF externally with high frequencies.
Figure 11 shows an example of an external reference driving both
VIN– and VREF. In this case, both the common-mode voltage
and input span are directly dependent on the value of VREF.
Both the input span and the center of the input span are equal
to the external VREF. Thus the valid input range extends from
(VREF + VREF/2) to (VREF – VREF/2). For example, if the
precision reference part, REF191, a 2.048 V external reference,
is used, the input span is 2.048 V. In this case, 1 LSB of the
AD9244 corresponds to 0.125 mV. It is essential that a minimum
of a 10
µF capacitor, in parallel with a 0.1 µF low inductance
ceramic capacitor, decouple the reference output to AGND.
VIN+
VREF
VIN–
SENSE
20pF
VREF + VREF/2
33
33
REFT
REFB
VREF – VREF/2
VREF
0.1 F
5V
AVDD
0.1 F
0.1 F
0.1 F
0.1 F
10 F
+
10 F
AD9244
Figure 11. Using an External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com