Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9731 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9731
Description  10-Bit, 170 MSPS D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9731 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9731 Datasheet HTML 2Page - Analog Devices AD9731 Datasheet HTML 3Page - Analog Devices AD9731 Datasheet HTML 4Page - Analog Devices AD9731 Datasheet HTML 5Page - Analog Devices AD9731 Datasheet HTML 6Page - Analog Devices AD9731 Datasheet HTML 7Page - Analog Devices AD9731 Datasheet HTML 8Page - Analog Devices AD9731 Datasheet HTML 9Page - Analog Devices AD9731 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD9731
–6–
REV. A
–Typical Performance Characteristics
AOUT – MHz
80
10
75
70
65
60
55
50
20
30
40
50
60
70
80
Figure 2. Narrowband SFDR (Clock = 170 MHz) vs.
AOUT Frequency
AOUT – MHz
80
10
75
70
65
60
55
50
20
30
40
50
60
85
Figure 3. Narrowband SFDR (Clock = 125 MHz) vs.
AOUT Frequency
AOUT – MHz
10
65
60
55
50
20
30
40
50
60
45
40
70
80
90
Figure 4. Wideband SFDR (170 MHz Clock) vs. AOUT
IOUT – mA
60
55
50
20
18
10
6
2
45
40
16
14
12
8
4
Figure 5. SFDR vs. IOUT (Clock =125 MHz/AOUT = 40 MHz)
0.4
–0.4
–0.3
–0.2
–0.1
0
0.3
0.2
0.1
Figure 6. Typical Differential Nonlinearity Performance
(DNL)
0.4
–0.6
–0.4
–0.2
0
0.2
0.6
Figure 7. Typical Integral Nonlinearity Performance (INL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com