Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9731 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9731
Description  10-Bit, 170 MSPS D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9731 Datasheet(HTML) 1 Page - Analog Devices

  AD9731 Datasheet HTML 1Page - Analog Devices AD9731 Datasheet HTML 2Page - Analog Devices AD9731 Datasheet HTML 3Page - Analog Devices AD9731 Datasheet HTML 4Page - Analog Devices AD9731 Datasheet HTML 5Page - Analog Devices AD9731 Datasheet HTML 6Page - Analog Devices AD9731 Datasheet HTML 7Page - Analog Devices AD9731 Datasheet HTML 8Page - Analog Devices AD9731 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9731
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
10-Bit, 170 MSPS
D/A Converter
FUNCTIONAL BLOCK DIAGRAM
ANALOG
RETURN
IOUT
IOUT
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CLOCK
REF IN
AMP OUT
DECODERS
AND
DRIVERS
REGISTER
SWITCH
NETWORK
TTL
DRIVE
LOGIC
CONTROL
AMP
INTERNAL VOLTAGE
REFERENCE
RSET
REF OUT
CONTROL
AMP IN
DIGITAL
–VS
DIGITAL
+VS
ANALOG
–VS
FEATURES
170 MSPS Update Rate
TTL/High-Speed CMOS-Compatible Inputs
Wideband SFDR: 66 dB @ 2 MHz/50 dB @ 65 MHz
Pin-Compatible, Lower Cost Replacement for
Industry Standard AD9721 DAC
Low Power: 439 mW @ 170 MSPS
Fast Settling: 3.8 ns to 1/2 LSB
Internal Reference
Two Package Styles: 28-Lead SOIC and SSOP
APPLICATIONS
Digital Communications
Direct Digital Synthesis
Waveform Reconstruction
High Speed Imaging
5 MHz–65 MHz HFC Upstream Path
GENERAL DESCRIPTION
The AD9731 is a 10-bit, 170 MSPS, bipolar D/A converter that
is optimized to provide high dynamic performance, yet offer
lower power dissipation and more economical pricing than
afforded by previous bipolar high performance DAC solutions.
The AD9731 was designed primarily for demanding communi-
cations systems applications where wideband spurious-free
dynamic range (SFDR) requirements are strenuous and could
previously only be met by using a high performance DAC such
as the industry-standard AD9721. The proliferation of digital
communications into basestation and high volume subscriber-
end markets has created a demand for excellent DAC perfor-
mance delivered at reduced levels of power dissipation and cost.
The AD9731 is the answer to that demand.
Optimized for direct digital synthesis (DDS) waveform recon-
struction, the AD9731 provides 50 dB of wideband harmonic
suppression over a dc-to-65 MHz analog output bandwidth.
This signal bandwidth addresses the transmit spectrum in many
of the emerging digital communications applications where
signal purity is critical. Narrowband, the AD9731 provides an
SFDR of greater than 79 dB. This excellent wideband and
narrowband ac performance, coupled with a lower pricing struc-
ture, make the AD9731 the optimum high performance DAC
value.
The AD9731 is packaged in 28-lead SOIC (same footprint
as the industry standard AD9721) and super space-saving
28-lead SSOP; both are specified to operate over the extended
industrial temperature range of –40
°C to +85°C.


Similar Part No. - AD9731

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
91Kb / 5P
10-Bit, 170 MSPS, DAC
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
10-Bit, 170 MSPS D/A Converter
REV. B
AD9731 AD-AD9731_17 Datasheet
91Kb / 5P
10-Bit, 170 MSPS, DAC
More results

Similar Description - AD9731

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9411 AD-AD9411 Datasheet
968Kb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
7/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9211 AD-AD9211 Datasheet
296Kb / 21P
10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
10-Bit, 170 MSPS D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com