Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9761 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9761 Datasheet HTML 8Page - Analog Devices AD9761 Datasheet HTML 9Page - Analog Devices AD9761 Datasheet HTML 10Page - Analog Devices AD9761 Datasheet HTML 11Page - Analog Devices AD9761 Datasheet HTML 12Page - Analog Devices AD9761 Datasheet HTML 13Page - Analog Devices AD9761 Datasheet HTML 14Page - Analog Devices AD9761 Datasheet HTML 15Page - Analog Devices AD9761 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AD9761
–12–
REV. A
50pF
CURRENT
SOURCE
ARRAY
+1.2V REF
REFIO
FSADJ
REFLO
COMP2
AVDD
IREF =
VREF/RSET
AVDD
RSET
EXT.
VREF
AVDD
0.1 F
AD9761
+
–
Figure 25. External Reference Configuration
REFERENCE CONTROL AMPLIFIER
The AD9761 also contains an internal control amplifier which is
used to simultaneously regulate both DAC’s full-scale output
current, IOUTFS. Since the I and Q IOUTFS are derived from the
same voltage reference and control circuitry, excellent gain
matching is ensured. The control amplifier is configured as a
V-I converter as shown in Figure 25 such that its current out-
put, IREF, is determined by the ratio of the VREFIO and an exter-
nal resistor, RSET, as stated in Equation (4). IREF is copied over
to the segmented current sources with the proper scaling factor
to set IOUTFS as stated in Equation (3).
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 1 mA to 10 mA range by setting IREF between
62.5
µA and 625 µA. The wide adjustment span of I
OUTFS pro-
vides several application benefits. The first benefit relates di-
rectly to the power dissipation of the AD9761’s analog supply,
AVDD, which is proportional to IOUTFS (refer to the POWER
DISSIPATION section). The second benefit relates to the
20 dB adjustment span which may be useful for system gain
control purposes.
Optimum noise and dynamic performance for the AD9761 is
obtained with a 0.1
µF external capacitor installed between
COMP2 and AVDD. The bandwidth of the reference control
amplifier is limited to approximately 5 kHz with a 0.1
µF ca-
pacitor installed. Since the –3 dB bandwidth corresponds to the
dominant pole and hence its dominant time constant, the set-
tling time of the control amplifier to a stepped reference input
response can be easily determined. Note, the output of the
control amplifier, COMP2, is internally compensated via a
50 pF capacitor thus ensuring its stability if no external capaci-
tor is added.
Depending on the requirements of the application, IREF can be
adjusted by varying either RSET, or in the external reference
mode, by varying the REFIO voltage. IREF can be varied for a
fixed RSET by disabling the internal reference and varying the
voltage of REFIO over its compliance range of 1.25 V to 0.10 V.
REFIO can be driven by a single-supply amplifier or DAC thus
allowing IREF to be varied for a fixed RSET. Since the input im-
pedance of REFIO is approximately 1 M
Ω, a simple, low cost
R-2R ladder DAC configured in the voltage mode topology may
be used to control the gain. This circuit is shown in Figure 26
using the AD7524 and an external 1.2 V reference, the AD1580.
ANALOG OUTPUTS
As previously stated, both the I and Q DACs produce two
complementary current outputs which may be configured for
single-end or differential operation. IIOUTA and IIOUTB can be
converted into complementary single-ended voltage outputs,
VIOUTA and VIOUTB, via a load resistor, RLOAD, as described in
the DAC TRANSFER SECTION by Equations 5 through 8.
The differential voltage, VIDIFF, existing between VIOUTA and
VIOUTB can also be converted to a single-ended voltage via a
transformer or differential amplifier configuration.
Figure 27 shows an equivalent circuit of the AD9761’s I (or Q)
DAC output. It consists of a parallel array of PMOS current
sources in which each current source is switched to either
IOUTA or IOUTB via a differential PMOS switch. As a result,
the equivalent output impedance of IOUTA and IOUTB re-
mains quite high (i.e., >100 k
Ω and 5 pF).
AD9761
AVDD
RLOAD
RLOAD
IOUTA
IOUTB
Figure 27. Equivalent Circuit of the AD9761 DAC Output
IOUTA and IOUTB have a negative and positive voltage com-
pliance range which must be adhered to achieve optimum per-
formance. The negative output compliance range of –1 V is set
by the breakdown limits of the CMOS process. Operation be-
yond this maximum limit may result in a breakdown of the
output stage.
50pF
CURRENT
SOURCE
ARRAY
+1.2V REF
REFIO
FSADJ
REFLO
COMP2
AVDD
AVDD
AD1580
1.2V
OPTIONAL
BANDLIMITING
CAPACITOR
IREF =
VREF/RSET
AVDD
RSET
0.1V TO 1.2V
RFB
VDD
OUT1
OUT2
AGND
VREF
AD7524
DB7–DB0
+
–
AD9761
Figure 26. Single-Supply Gain Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com