Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9761 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9761 Datasheet HTML 10Page - Analog Devices AD9761 Datasheet HTML 11Page - Analog Devices AD9761 Datasheet HTML 12Page - Analog Devices AD9761 Datasheet HTML 13Page - Analog Devices AD9761 Datasheet HTML 14Page - Analog Devices AD9761 Datasheet HTML 15Page - Analog Devices AD9761 Datasheet HTML 16Page - Analog Devices AD9761 Datasheet HTML 17Page - Analog Devices AD9761 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AD9761
–14–
REV. A
ensure proper compatibility of most TTL logic families. Figure
31 shows the equivalent digital input circuit for the data, sleep
and clock inputs.
RESET
DATA
SELECT
CLOCK/WRITE
I0
Q0
I1
Q1
Figure 30. Timing Diagram
DVDD
DIGITAL
INPUT
Figure 31. Equivalent Digital Input
Since the AD9761 is capable of being updated up to 40 MSPS,
the quality of the clock and data input signals are important in
achieving the optimum performance. The drivers of the digital
data interface circuitry should be specified to meet the mini-
mum setup and hold-times of the AD9761 as well as its re-
quired min/max input logic level thresholds. The external clock
driver circuitry should provide the AD9761 with a low jitter
clock input meeting the min/max logic levels while providing
fast edges. Fast clock edges will help minimize any jitter that can
manifest itself as phase noise on a reconstructed waveform.
Digital signal paths should be kept short, and run lengths
matched to avoid propagation delay mismatch. The insertion of
a low value resistor network (i.e., 20
Ω to 100 Ω) between the
AD9761 digital inputs and driver outputs may be helpful in
reducing any overshooting and ringing at the digital inputs,
which contributes to data feedthrough. Operating the AD9761
with reduced logic swings and a corresponding digital supply
(DVDD) will also reduce data feedthrough.
RESET/SLEEP MODE OPERATION
The RESET/SLEEP input can be used either to power-down
the AD9761 or reset its internal digital interface logic. If the
RESET/ SLEEP input is asserted for greater than one clock
cycle but under four clock cycles by applying a logic level “1,”
the internal state machine will be reset. If the RESET/SLEEP
input is asserted for four clock cycles or longer, the power-down
function of the AD9761 will be initiated. The power-down
function turns off the output current and reduces the supply
current to less than 9 mA over the specified supply range of
2.7 V to 5.5 V and temperature range.
The power-up and power-down characteristics of the AD9761 is
dependent upon the value of the compensation capacitor con-
nected to COMP1 and COMP3. With a nominal value of 0.1
µF,
the AD9761 takes less than 5
µs to power down and approxi-
mately 3.25 ms to power back up.
POWER DISSIPATION
The power dissipation of the AD9761 is dependent on several
factors which include: (1) AVDD and DVDD, the power supply
voltages; (2) IOUTFS, the full-scale current output; (3) fCLOCK, the
update rate; (4) and the reconstructed digital input waveform.
The power dissipation is directly proportional to the analog
supply current, IAVDD, and the digital supply current, IDVDD.
IAVDD is directly proportional to IOUTFS as shown in Figure 32
and is insensitive to fCLOCK.
IOUTFS – mA
30
0
110
23
456
789
25
20
15
10
5
Figure 32. IAVDD vs. IOUTFS
Conversely, IDVDD is dependent on both the digital input wave-
form, fCLOCK, and digital supply DVDD. Figures 33 and 34 show
IDVDD as a function of a full-scale sine wave output ratio’s (fOUT/
fCLOCK) for various update rate with DVDD = 5 V and DVDD =
3 V respectively.
5 MSPS
RATIO – fOUT/fCLK
40
30
0.05
0.15
40 MSPS
20
0
0.1
20 MSPS
10 MSPS
10
0
0.2
50
60
70
2.5 MSPS
Figure 33. IDVDD vs. Ratio @ DVDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com