Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9767-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9767-EB
Description  14-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9767-EB Datasheet HTML 11Page - Analog Devices AD9767-EB Datasheet HTML 12Page - Analog Devices AD9767-EB Datasheet HTML 13Page - Analog Devices AD9767-EB Datasheet HTML 14Page - Analog Devices AD9767-EB Datasheet HTML 15Page - Analog Devices AD9767-EB Datasheet HTML 16Page - Analog Devices AD9767-EB Datasheet HTML 17Page - Analog Devices AD9767-EB Datasheet HTML 18Page - Analog Devices AD9767-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
REV. B
AD9767
–15–
IOUTFS and RLOAD can be selected as long as the positive compli-
ance range is adhered to. One additional consideration in this
mode is the integral nonlinearity (INL) as discussed in the
Analog Output section of this data sheet. For optimum INL
performance, the single-ended, buffered voltage output configu-
ration is suggested.
AD9767
IOUTA
IOUTB
50
25
50
VOUTA = 0 TO +0.5V
IOUTFS = 20mA
Figure 36. 0 V to 0.5 V Unbuffered Voltage Output
SINGLE-ENDED, BUFFERED VOLTAGE OUTPUT
CONFIGURATION
Figure 37 shows a buffered single-ended output configuration
in which the op amp U1 performs an I-V conversion on the
AD9767 output current. U1 maintains IOUTA (or IOUTB) at a
virtual ground, thus minimizing the nonlinear output impedance
effect on the DAC’s INL performance as discussed in the
Analog Output section. Although this single-ended configura-
tion typically provides the best dc linearity performance, its ac
distortion performance at higher DAC update rates may be
limited by U1’s slewing capabilities. U1 provides a negative
unipolar output voltage and its full-scale output voltage is sim-
ply the product of RFB and IOUTFS. The full-scale output should
be set within U1’s voltage output swing capabilities by scaling
IOUTFS and/or RFB. An improvement in ac distortion perfor-
mance may result with a reduced IOUTFS since the signal current
U1 will be required to sink will be subsequently reduced.
AD9767
IOUTA
IOUTB
COPT
200
U1
VOUT = IOUTFS
RFB
IOUTFS = 10mA
RFB
200
Figure 37. Unipolar Buffered Voltage Output
POWER AND GROUNDING CONSIDERATIONS, POWER
SUPPLY REJECTION
Many applications seek high speed and high performance under
less than ideal operating conditions. In these application cir-
cuits, the implementation and construction of the printed circuit
board is as important as the circuit design. Proper RF tech-
niques must be used for device selection, placement and rout-
ing, as well as power supply bypassing and grounding to ensure
optimum performance. Figures 43 to 50 illustrate the recom-
mended printed circuit board ground, power and signal plane
layouts which are implemented on the AD9767 evaluation board.
One factor that can measurably affect system performance is the
ability of the DAC output to reject dc variations or ac noise
superimposed on the analog or digital dc power distribution.
This is referred to as the Power Supply Rejection Ratio. For dc
variations of the power supply, the resulting performance of the
DAC directly corresponds to a gain error associated with the
DAC’s full-scale current, IOUTFS. AC noise on the dc supplies is
common in applications where the power distribution is gener-
ated by a switching power supply. Typically, switching power
supply noise will occur over the spectrum from tens of kHz to
several MHz. The PSRR vs. frequency of the AD9767 AVDD
supply over this frequency range is shown in Figure 38.
FREQUENCY – MHz
90
70
0.2
85
80
75
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Figure 38. Power Supply Rejection Ratio of AD9767
Note that the units in Figure 38 are given in units of (amps out/
volts in). Noise on the analog power supply has the effect of
modulating the internal current sources, and therefore the out-
put current. The voltage noise on AVDD, therefore, will be
added in a nonlinear manner to the desired IOUT. PSRR is very
code-dependent thus producing mixing effects which can modu-
late low frequency power supply noise to higher frequencies.
Worst case PSRR for either one of the differential DAC outputs
will occur when the full-scale current is directed towards that
output. As a result, the PSRR measurement in Figure 38 repre-
sents a worst case condition in which the digital inputs remain
static and the full-scale output current of 20 mA is directed to
the DAC output being measured.
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV of noise and, for simplic-
ity sake (i.e., ignore harmonics), all of this noise is concentrated
at 250 kHz. To calculate how much of this undesired noise will
appear as current noise superimposed on the DAC’s full-scale
current, IOUTFS, one must determine the PSRR in dB using
Figure 38 at 250 kHz. To calculate the PSRR for a given RLOAD,
such that the units of PSRR are converted from A/V to V/V,
adjust the curve in Figure 38 by the scaling factor 20
× Log
(RLOAD ). For instance, if RLOAD is 50
Ω, the PSRR is reduced
by 34 dB (i.e., PSRR of the DAC at 250 kHz, which is 85 dB in
Figure 38, becomes 51 dB VOUT/VIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com