Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9767-EB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9767-EB
Description  14-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767-EB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9767-EB Datasheet HTML 16Page - Analog Devices AD9767-EB Datasheet HTML 17Page - Analog Devices AD9767-EB Datasheet HTML 18Page - Analog Devices AD9767-EB Datasheet HTML 19Page - Analog Devices AD9767-EB Datasheet HTML 20Page - Analog Devices AD9767-EB Datasheet HTML 21Page - Analog Devices AD9767-EB Datasheet HTML 22Page - Analog Devices AD9767-EB Datasheet HTML 23Page - Analog Devices AD9767-EB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
REV. B
AD9767
–20–
WHT
TP46
12
R10
1.92k
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DB13P1MSB
DB12P1
DB11P1
DB10P1
DB9P1
DB8P1
DB7P1
DB6P1
DB5P1
DB4P1
DB3P1
DB2P1
DB1P1
DB0P1
DCOM1
DVDD1
WRT1
CLK1
CLK2
WRT2
DCOM2
DVDD2
DB13P2MSB
DB12P2
MODE
AVDD
IA1
IB1
FSADJ1
REFIO
GAINCTRL
FSADJ2
IB2
IA2
ACOM
SLEEP
DB0P2
DB1P2
DB2P2
DB3P2
DB4P2
DB5P2
DB6P2
DB7P2
DB8P2
DB9P2
DB10P2
DB11P2
U2
1
2
C1
VAL
1
2
C2
0.01 F
1
2
C3
0.1 F
DVDD
1
2
3
A B
JP8
DVDD
1
2
C11
1 F
1
2
C12
0.01 F
1
2
C13
0.1 F
AVDD
SLEEP
DUTP36
DUTP35
DUTP34
DUTP33
DUTP32
DUTP31
DUTP30
DUTP29
DUTP28
DUTP27
DUTP26
DUTP25
1
2
C15
10pF
1
2
R7
50
1
2
C6
10pF
1
2
R8
50
WRT1
CLK1
CLK2
WRT2
DUTP23
DUTP24
DUTP1
DUTP2
DUTP3
DUTP4
DUTP5
DUTP6
DUTP7
DUTP8
DUTP9
DUTP10
DUTP11
DUTP12
DUTP13
DUTP14
1
2
C4
10pF
1
2
R5
50
1
2
C5
10pF
1
2
R6
50
TP34
WHT
R11
VAL
1:1
3
2
16
4
NC = 5
T1
AGND;3,4,5
S6
OUT1
TP45
WHT
12
R9
1.92k
TP36
WHT
REFIO
1
2
C14
0.1 F
DUT AND ANALOG OUTPUT SIGNAL CONDITIONING
1
2
3
A B
JP15
AVDD
MODE
ACOM
BL1
BL2
1
2
C16
22nF
12
R15
256
1
2
C17
22nF
12
R14
256
JP10
TP35
WHT
R12
VAL
1:1
3
2
16
4
NC = 5
T2
AGND;3,4,5
S11
OUT2
BL3
BL4
Figure 45. AD9767 and Output Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com