Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9805 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9805
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9805 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9805 Datasheet HTML 16Page - Analog Devices AD9805 Datasheet HTML 17Page - Analog Devices AD9805 Datasheet HTML 18Page - Analog Devices AD9805 Datasheet HTML 19Page - Analog Devices AD9805 Datasheet HTML 20Page - Analog Devices AD9805 Datasheet HTML 21Page - Analog Devices AD9805 Datasheet HTML 22Page - Analog Devices AD9805 Datasheet HTML 23Page - Analog Devices AD9805 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD9807/AD9805
–21–
REV. 0
CIS Application
Unlike many other integrated circuit CCD signal processors, the
AD9807/AD9805 can easily be implemented in imaging systems
that do not use a CCD. By disabling the input clamp and the
CDS blocks, any dc coupled signal within the input limits of the
part can be digitized. Figure 23 shows a typical block diagram of
the AD9807 used with a color CIS module, in this case Dyna
Image Corporation’s DL100*. The three color output signals
are dc coupled into the AD9807. The Dyna CIS module’s
output levels are around 70 mV to 500 mV dark to bright, well
within the input range of the AD9807. The AD9807 is config-
ured for 3-channel SHA operation through the MPU registers.
Timing used with the Dyna DL100 is shown in Figure 24; the
CIS output levels are sampled on the falling edge of CDSCLK1.
The digital ASIC shown can be implemented in a variety of
ways: it could include the MPU interface and timing generator,
as well as memory for the output data and pixel gain and offset
correction vectors.
RED
GREEN
BLUE
CIS
CLOCKS
VINR
VING
VINB
STRTLN,
CDSCLK1,
ADCCLK
OFFSET<7:0>
GAIN<11:0>
TIMING
GENERATOR
DIGITAL
ASIC
MPU
INTERFACE
PIXEL
OFFSET
CORRECTION
PIXEL
GAIN
CORRECTION
DOUT<11:0>
MPU<7:0>
A2, A1, A0
OEB, WRB
RDB, CSB
CIS
12
7
8
12
8
3
OUTPUT
DATA
AD9807
Figure 23. CIS Application Diagram (Power, Ground, and
Decoupling Omitted)
CIS START PULSE
CIS CLOCK
CIS OUTPUT
STRTLN
ADCCLK
CDSCLK1
Figure 24. CIS Application Timing Signals
EVALUATION BOARDS
The AD9807 and AD9805 evaluation boards are designed to
provide an easy interface to a standard PC, simplifying the task
of evaluating the performance of the AD9807/AD9805 with an
existing imaging system. The system level block diagram shown
in Figure 25 illustrates the basic evaluation setup for the
AD9807 (the AD9805 is the same). The user needs to supply
the analog input signals (such as outputs from a CCD), the
AD9807/AD9805’s clock signals, a power supply and a printer
cable to connect the evaluation board to the PC’s parallel port.
Software is included to allow the user to easily accomplish three
major tasks: first, configure the AD9807/AD9805 in one of several
operating modes (1 Channel, 3 Channel, CDS or SHA mode,
etc.), second, acquire output data from the part and third, down-
load pixel gain and offset correction data to the evaluation board
and enable pixel rate shading and offset correction.
Figures 26 and 27 show the signal routing and decoupling for
the AD9807 evaluation board.
The evaluation boards are designated with the part numbers
AD9807-EB and AD9805-EB.
*All trademarks are properties of their respective holders.
VINR
VING
VINB
CLOCKS
GAIN
OFFSET
DOUT
MPU I/O
MPU CONTROL
AD9807
RED
GREEN
BLUE
STRTLN
CDSCLK1
CDSCLK2
ADCCLK
4
12
8
12
8
7
FIFO
BUFFERS,
LATCHES,
AND
CONTROL
LOGIC
8
PRINTER
CABLE
PC
PARALLEL
PORT
AD9807 EVALUATION BOARD
+5V VOLT
POWER
SUPPLY
ANALOG INPUTS
CLOCK INPUTS
Figure 25. Evaluation System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com