Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9805 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9805
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9805 Datasheet(HTML) 4 Page - Analog Devices

  AD9805 Datasheet HTML 1Page - Analog Devices AD9805 Datasheet HTML 2Page - Analog Devices AD9805 Datasheet HTML 3Page - Analog Devices AD9805 Datasheet HTML 4Page - Analog Devices AD9805 Datasheet HTML 5Page - Analog Devices AD9805 Datasheet HTML 6Page - Analog Devices AD9805 Datasheet HTML 7Page - Analog Devices AD9805 Datasheet HTML 8Page - Analog Devices AD9805 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD9807/AD9805
–4–
REV. 0
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
CLOCK PARAMETERS
3-Channel Conversion Rate
tCRA
500
ns
1-Channel Conversion Rate
tCRB
166
ns
CDSCK1 Pulse Width
tC1A
30
ns
CDSCK1 Pulse Width
tC1B
30
ns
CDSCK2 Pulse Width
tC2A
30
ns
CDSCK2 Pulse Width
tC2B
30
ns
CDS Clocks Digital Quiet Time
tQ
20
ns
CDSCK2 Falling to CDSCK1 Rising
tC2C1A
80
ns
CDSCK2 Falling to CDSCK1 Rising
tC2C1B
40
ns
CDSCK1 Falling to CDSCK2 Rising
tC1C2A
20
ns
CDSCK1 Falling to CDSCK2 Rising
tC1C2B
20
ns
ADCCLK Rising to CDSCK1 Falling
tC1AD
35
ns
ADCCLK Pulse Width
tACLK
50
ns
ADCCLK Period
tCP
166
ns
ADCCLK Period (Red Single Channel Mode)
tCP2
200
ns
3-Channel Settling Time
tSTL1
60
ns
1-Channel Settling Time (B and G Only)
tSTL2
30
ns
ADCCLK Rising to Control Data Setup
tGOS
15
ns
ADCCLK Rising to Control Data Hold
tGOH
15
ns
STRTLN Rising, Falling Setup
tS
15
ns
STRTLN Rising, Falling Hold
tH
15
ns
Aperture Delay
tAD
10
ns
REGISTER WRITE/READ
Address Setup Time
tAS
15
ns
Address Hold Time
tAH
15
ns
Data Setup Time
tDS
15
ns
Data Hold Time
tDH
15
ns
Chip Select Setup Time
tCSS
15
ns
Chip Select Hold Time
tCSH
15
ns
Write Pulse Width
tPWW
25
ns
Read Pulse Width
tPWR
50
ns
Read To Data Valid
tDD
40
ns
DATA OUTPUT
Output Delay
tOD
15
ns
3-State to Data Valid
tEDV
15
ns
Output Enable High to 3-State
tHZ
5ns
Latency
6
ADCCLK Cycles
(TMIN to TMAX with AVDD = +5.0 V, DVDD = +5.0 V, unless otherwise noted)
Table I. Output Controls
CSB
00
000
011
RDB
00
111
1x
x
WRB
01
001
1x
x
OEB
x
x
010
101
DOUT
XQ
XD
X
Z
Q
Z
MPU
MPU
ADC
LEGEND:
x = Don't Care
X = Unknown (Not Recommended)
Q = Outputs
D = Inputs
Z = 3-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com