Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9852 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9852 Datasheet HTML 7Page - Analog Devices AD9852 Datasheet HTML 8Page - Analog Devices AD9852 Datasheet HTML 9Page - Analog Devices AD9852 Datasheet HTML 10Page - Analog Devices AD9852 Datasheet HTML 11Page - Analog Devices AD9852 Datasheet HTML 12Page - Analog Devices AD9852 Datasheet HTML 13Page - Analog Devices AD9852 Datasheet HTML 14Page - Analog Devices AD9852 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AD9852
–11–
REV. 0
DAC CURRENT – mA
55
0
54
53
52
51
50
49
48
5
1015
2025
Figure 19. SFDR vs. DAC Current, 59.1 MHz AOUT, 300 MHz
EXTCLK
FREQUENCY – MHz
620
0
615
610
605
600
595
590
20
40
60
80
100
120
140
Figure 20. Supply Current vs. Output Frequency; Variation
Is Minimal as a Percentage and Heavily Dependent on
Tuning Word
FREQUENCY – Hz
–110
100
–115
–120
–125
–130
–135
–140
–145
–150
–155
1k
10k
100k
80MHz
5MHz
a. Residual Phase Noise 300 MHz Direct Clocking
FREQUENCY – Hz
–110
100
–115
–120
–125
–130
–135
–140
–145
–150
–155
1k
10k
100k
80MHz
5MHz
b. Residual Phase Noise, 300 MHz (10
× REFCLK Multiplier
Enabled)
Figure 18. Residual Phase Noise, EXTCLK = 300 MHz, REFCLK Multiplier Disabled/Enabled at 10
×
RISE TIME
1.04ns
500ps/DIV
232mV/DIV
50
INPUT
JITTER
[10.6ps RMS]
–33ps
0ps
+33ps
Figure 21. Typical Comparator Output Jitter, 40 MHz
AOUT, 300 MHz EXTCLK/REFCLK Multiplier Disabled
REF1 RISE
1.174ns
C1 FALL
1.286ns
CH1
500mV
M 500ps CH1
980mV
Figure 22. Comparator Rise/Fall Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com