Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9852 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9852
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9852 Datasheet HTML 16Page - Analog Devices AD9852 Datasheet HTML 17Page - Analog Devices AD9852 Datasheet HTML 18Page - Analog Devices AD9852 Datasheet HTML 19Page - Analog Devices AD9852 Datasheet HTML 20Page - Analog Devices AD9852 Datasheet HTML 21Page - Analog Devices AD9852 Datasheet HTML 22Page - Analog Devices AD9852 Datasheet HTML 23Page - Analog Devices AD9852 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
AD9852
–20–
REV. 0
In the ramped FSK mode with the triangle bit set high an auto-
matic frequency sweep will begin at either F1 or F2, according
to the logic level on Pin 29 (FSK input pin) when the triangle
bit’s rising edge occurs as shown in Figure 42. If the FSK data bit
had been high instead of low, F2 would have been chosen instead
of F1 as the start frequency.
F2
F1
0
MODE
TW1
TW2
FSK DATA
TRIANGLE BIT
000 (DEFAULT)
0
0
010 (RAMPED FSK)
F1
F2
Figure 42. Automatic Linear Ramping Using the Triangle Bit
Additional flexibility in the ramped FSK mode is provided in
the ability to respond to changes in the 48-bit delta frequency
word and/or the 20-bit ramp-rate counter on-the-fly during the
ramping from F1 to F2 or vice versa. To create these nonlinear
frequency changes it is necessary to combine several linear
ramps in a piecewise fashion whose slopes are different. This is
done by programming and executing a linear ramp at some rate
or “slope” and then altering the slope (by changing the ramp
rate clock or delta frequency word or both). Changes in slope are
made as often as needed to form the desired nonlinear frequency
sweep response before the destination frequency has been reached.
These piecewise changes can be precisely timed using the 32-bit
Internal Update Clock (see detailed description elsewhere in
this data sheet).
F1
F2
0
MODE
TW1
TW2
FSK DATA
F1
F2
000 (DEFAULT)
0
0
010 (RAMPED FSK)
Figure 41. Effect of Premature Ramped FSK Data
Nonlinear ramped FSK will have the appearance of a chirp
function that is graphically illustrated in Figure 43. The major
difference between a ramped FSK function and a chirp function
is that FSK is limited to operation between F1 and F2. Chirp
operation has no F2 limit frequency.
Two additional control bits are available in the ramped FSK mode
that allow even more options. CLR ACC1, register address 1F
hex, will, if set high, clear the 48-bit frequency accumulator (ACC1)
output with a retriggerable one-shot pulse of one system clock
duration. If the CLR ACC1 bit is left high, a one-shot pulse will
be delivered on the rising edge of every Update Clock. The
effect is to interrupt the current ramp, reset the frequency back
to the start point, F1 or F2, and then continue to ramp up (or
down) at the previous rate. This will occur even when a static F1
or F2 destination frequency has been achieved. (See Figure 43.)
Next, CLR ACC2 control bit (register address 1F hex) is avail-
able to clear both the frequency accumulator (ACC1) and the phase
accumulator (ACC2). When this bit is set high, the output of the
phase accumulator will result in 0 Hz output from the DDS. As
long as this bit is set high, the frequency and phase accumula-
tors will be cleared, resulting in 0 Hz output. To return to
previous DDS operation, CLR ACC2 must be set to logic low.
Chirp (Mode 011)
This mode is also known as pulsed FM. Most chirp systems use
a linear FM sweep pattern although any pattern may be used.
This is a type of spread spectrum modulation that can realize
“processing gain.” In radar applications, use of chirp or pulsed
FM allows operators to significantly reduce the output power
needed to achieve the same result as a single-frequency radar
system would produce. Figure 43 represents a very low-resolution
nonlinear chirp meant to demonstrate the different “slopes” that
are created by varying the time steps (ramp rate) and frequency
steps (delta frequency word).
The AD9852 permits precise, internally generated linear or
externally programmed nonlinear pulsed or continuous FM over
a user-defined frequency range, duration, frequency resolution and
sweep direction(s). A block diagram of the FM chirp components
is shown in Figure 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com