Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC912AFS Datasheet(PDF) 7 Page - Analog Devices

Part # ADC912AFS
Description  CMOS Microprocessor-Compatible 12-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADC912AFS Datasheet(HTML) 7 Page - Analog Devices

Back Button ADC912AFS Datasheet HTML 3Page - Analog Devices ADC912AFS Datasheet HTML 4Page - Analog Devices ADC912AFS Datasheet HTML 5Page - Analog Devices ADC912AFS Datasheet HTML 6Page - Analog Devices ADC912AFS Datasheet HTML 7Page - Analog Devices ADC912AFS Datasheet HTML 8Page - Analog Devices ADC912AFS Datasheet HTML 9Page - Analog Devices ADC912AFS Datasheet HTML 10Page - Analog Devices ADC912AFS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
–7–
Typical Performance Characteristics–ADC912A
0.4
4096
–0.4
0
0
–0.2
0.2
2048
1024
3072
DIGITAL OUTPUT CODE
TPC 1. Nonlinearity Error vs. Digital
Output Code
6
–4
125
–1
–3
–50
–2
–75
2
0
1
3
4
5
100
25
50
–25
0
75
TEMPERATURE – C
CS, RD = LOGIC HIGH
AIN = 10V
CLK = 1MHz XTAL
ISS @ VSS = –15.75V
VDD @ 5.25V
TPC 4. Supply Current vs.
Temperature
256
0
64
128
192
2045
2049
2048
2047
2046
256 SUCCESSIVE
CONVERSIONS
WITH
AIN = 4.99756V
OUTPUT CODE – Decimal
TPC 7. Code Repetition
5
–5
125
–2
–4
–50
–3
–75
1
–1
0
2
3
4
100
25
50
–25
0
75
TEMPERATURE – C
TPC 2. Offset Error vs. Temperature
80
0
1M
40
1k
60
100k
10k
CLK IN FREQUENCY – Hz
COUT = 20pF
fCONV = 1/13 fCLK IN
TA = 25 C
EXT CLK IN
PDISS = IDD
5 + ISS
12
TPC 5. Power Dissipation vs. CLK IN
Frequency
ANALOG INPUT
100
90
10
0%
TRANSITION NOISE
TPC 8. Transition Noise Cross Plot
6
–4
125
–1
–3
–50
–2
–75
2
0
1
3
4
5
100
25
50
–25
0
75
TEMPERATURE – C
TPC 3. Gain Error vs. Temperature
50
–50
–20
–40
1
–30
0
10
–10
0
20
30
40
5
4
3
2
VO OUTPUT VOLTAGE – Volts
ISINK
ISOURCE
TPC 6. Digital Output Current vs.
Output Voltage
0
–2
–4
20
0
2
4
10
15
5
CONVERSION TIME –
s
VDD = +5V
VSS = –12V
TA = 25 C
TPC 9. Linearity Error vs. Conversion
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com