Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC912AFS Datasheet(PDF) 13 Page - Analog Devices

Part # ADC912AFS
Description  CMOS Microprocessor-Compatible 12-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADC912AFS Datasheet(HTML) 13 Page - Analog Devices

Back Button ADC912AFS Datasheet HTML 8Page - Analog Devices ADC912AFS Datasheet HTML 9Page - Analog Devices ADC912AFS Datasheet HTML 10Page - Analog Devices ADC912AFS Datasheet HTML 11Page - Analog Devices ADC912AFS Datasheet HTML 12Page - Analog Devices ADC912AFS Datasheet HTML 13Page - Analog Devices ADC912AFS Datasheet HTML 14Page - Analog Devices ADC912AFS Datasheet HTML 15Page - Analog Devices ADC912AFS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
ADC912A
–13–
SLOW-MEMORY MODE OPERATION USING WAIT
STATES
The WAIT state feature of the TMS32020 can also be used to
operate the ADC912A in the Slow-Memory mode. This is
accomplished by driving the clock input of the 7474 flip-flop in
Figure 23, from the BUSY output of the ADC912A, instead of
the CLK OUT 1 of the TMS32020. Once a conversion has
started the READY input of the TMS32020 is not released until
the ADC912A completes its 12-bit A/D conversion. This stops
the TMS32020 during the conversion process reducing micro-
processor system noise generation. Another advantage for the
system software is the single instruction IN MEM, PA used to
start, process, and read the results of the A/D conversion. This
makes the software code more transportable between systems
operating at different clock speeds. The disadvantage is some
loss in instruction processing time.
ADDRESS
DECODE
EN
ADDRESS BUS
DATA BUS
D15
D0
D11
D0/8
A0
A15
HBEN
ADC912A*
TMS32020
CS
RD
IS
*ESSENTIAL INTERFACE CIRCUITRY SHOWN FOR CLARITY
READY
R/W
BUSY
CK
7474
DQ
CLR
CLK OUT1
20MHz
2/CLK IN
"1"
SLOW-MEMORY
MODE
ROM MODE
(ONE WAIT STATE)
Figure 23. ADC912A to TMS32020 Interface Using Wait
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com