Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADE7759E Datasheet(PDF) 16 Page - Analog Devices

Part # EVAL-ADE7759E
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7759E Datasheet(HTML) 16 Page - Analog Devices

Back Button EVAL-ADE7759E Datasheet HTML 12Page - Analog Devices EVAL-ADE7759E Datasheet HTML 13Page - Analog Devices EVAL-ADE7759E Datasheet HTML 14Page - Analog Devices EVAL-ADE7759E Datasheet HTML 15Page - Analog Devices EVAL-ADE7759E Datasheet HTML 16Page - Analog Devices EVAL-ADE7759E Datasheet HTML 17Page - Analog Devices EVAL-ADE7759E Datasheet HTML 18Page - Analog Devices EVAL-ADE7759E Datasheet HTML 19Page - Analog Devices EVAL-ADE7759E Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
REV. 0
ADE7759
–16–
TEMPERATURE MEASUREMENT
ADE7759 also includes an on-chip temperature sensor. A tem-
perature measurement can be made by setting Bit 5 in the Mode
register. When Bit 5 is set logic high in the Mode register, the
ADE7759 will initiate a temperature measurement on the next
zero crossing. When the zero crossing on Channel 2 is detected,
the voltage output from the temperature sensing circuit is con-
nected to ADC1 (Channel 1) for digitizing. The resultant code is
processed and placed in the Temperature register (TEMP[7:0])
approximately 26
µs later (24 CLKIN cycles). If enabled in the
Interrupt Enable register (Bit 5), the
IRQ output will go active
low when the temperature conversion is finished. Please note that
temperature conversion will introduce a small amount of noise
in the energy calculation. If temperature conversion is performed
frequently (i.e., multiple times per second), a noticeable error
will accumulate in the resulting energy calculation over time.
The contents of the Temperature register are signed (two’s
complement) with a resolution of approximately 1 LSB/
°C. The
temperature register will produce a code of 00h when the ambient
temperature is approximately 70
°C. The temperature mea-
surement is uncalibrated in the ADE7759 and has an offset
tolerance that could be as high as
±20°C.
ANALOG-TO-DIGITAL CONVERSION
The analog-to-digital conversion in the ADE7759 is carried out
using two second order sigma-delta ADCs. The block diagram
in Figure 19 shows a first order (for simplicity) sigma-delta ADC.
The converter is made up of two parts, first the sigma-delta
modulator and second the digital low-pass filter.
A sigma-delta modulator converts the input signal into a con-
tinuous serial stream of 1s and 0s at a rate determined by the
sampling clock. In the ADE7759, the sampling clock is equal to
CLKIN/4. The 1-bit DAC in the feedback loop is driven by the
serial data stream. The DAC output is subtracted from the
input signal. If the loop gain is high enough, the average value of
the DAC output (and therefore the bitstream) will approach that
of the input signal level. For any given input value in a single sam-
pling interval, the data from the 1-bit ADC is virtually meaningless.
Only when a large number of samples are averaged will a meaningful
result be obtained. This averaging is carried out in the second
part of the ADC, the digital low-pass filter. By averaging a large
number of bits from the modulator, the low-pass filter can produce
20-bit data words that are proportional to the input signal level.
1
20
DIGITAL
LOW-PASS
FILTER
R
C
ANALOG
LOW-PASS FILTER
+
–
∫
VREF
1-BIT DAC
MCLK/4
LATCHED
COMPARATOR
.....10100101.....
+
–
Figure 19. First Order Sigma-Delta (
Σ-∆) ADC
The sigma-delta converter uses two techniques to achieve high
resolution from what is essentially a one-bit conversion technique.
The first is oversampling. By oversampling we mean that the
signal is sampled at a rate (frequency) that is many times higher
than the bandwidth of interest. For example, the sampling rate
in the ADE7759 is CLKIN/4 (894 kHz) and the band of interest
is 40 Hz to 2 kHz. Oversampling has the effect of spreading the
quantization noise (noise due to sampling) over a wider bandwidth.
With the noise spread more thinly over a wider bandwidth, the
quantization noise in the band of interest is lowered—see Figure
20. However, oversampling alone is not an efficient enough
method to improve the signal to noise ratio (SNR) in the band
of interest. For example, an oversampling ratio of 4 is required
just to increase the SNR by only 6 dB (one bit). To keep the
oversampling ratio at a reasonable level, it is possible to shape the
quantization noise so that the majority of the noise lies at the higher
frequencies. This is what happens in the sigma-delta modulator:
the noise is shaped by the integrator, which has a high-pass type
response for the quantization noise. The result is that most of
the noise is at the higher frequencies, where it can be removed
by the digital low-pass filter. This noise shaping is also shown in
Figure 20.
447
0
894
2
NOISE
SIGNAL
DIGITAL
FILTER
ANTIALIAS
FILTER (RC)
SHAPED
NOISE
SAMPLING
FREQUENCY
447
0
894
2
NOISE
SIGNAL
HIGH RESOLUTION
OUTPUT FROM DIGITAL
LPF
FREQUENCY – kHz
FREQUENCY – kHz
Figure 20. Noise Reduction Due to Oversampling
and Noise Shaping in the Analog Modulator
Antialias Filter
Figure 20 also shows an analog low-pass filter (RC) on the input
to the modulator. This filter is present to prevent aliasing.
Aliasing is an artifact of all sampled systems. Basically it means
that frequency components in the input signal to the ADC that
are higher than half the sampling rate of the ADC will appear in
the sampled signal at a frequency below half the sampling rate.
Figure 21 illustrates the effect. Frequency components (arrows
shown in black) above half the sampling frequency (also known as
the Nyquist frequency, i.e., 447 kHz) get imaged or folded back
down below 447 kHz (arrows shown in grey). This will happen
with all ADCs regardless of the architecture. In the example
shown, it can be seen that only frequencies near the sampling
frequency (894 kHz) will move into the band of interest for
metering, i.e., 40 Hz–2 kHz. This allows us to use a very simple
LPF (low-pass filter) to attenuate these high frequencies (near
900 kHz) and to prevent distortion in the band of interest. For a
conventional current sensor, a simple RC filter (single pole) with
a corner frequency of 10 kHz will produce an attenuation of
approximately 40 dBs at 894 kHz—see Figure 20. The 20 dB per
decade attenuation is usually sufficient to eliminate the effects of
aliasing for conventional current sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com