Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADE7759E Datasheet(PDF) 31 Page - Analog Devices

Part # EVAL-ADE7759E
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7759E Datasheet(HTML) 31 Page - Analog Devices

Back Button EVAL-ADE7759E Datasheet HTML 24Page - Analog Devices EVAL-ADE7759E Datasheet HTML 25Page - Analog Devices EVAL-ADE7759E Datasheet HTML 26Page - Analog Devices EVAL-ADE7759E Datasheet HTML 27Page - Analog Devices EVAL-ADE7759E Datasheet HTML 28Page - Analog Devices EVAL-ADE7759E Datasheet HTML 29Page - Analog Devices EVAL-ADE7759E Datasheet HTML 30Page - Analog Devices EVAL-ADE7759E Datasheet HTML 31Page - Analog Devices EVAL-ADE7759E Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
REV. 0
ADE7759
–31–
0
000
000
0
000
01
10
0
15 14 13 12 11 10
98765
4
3210
ADDR: 06H
DISHPF
(DISABLE HPF1 IN CHANNEL 1)
DISLPF2
(DISABLE LPF2 AFTER MULTIPLIER)
DISCF
(DISABLE FREQUENCY OUTPUT CF)
DISSAG
(DISABLE
SAG OUTPUT)
ASUSPEND
(SUSPEND CH1 AND CH2 ADC’s)
STEMP
(START TEMPERATURE SENSING)
SWRST
(SOFTWARE CHIP RESET)
CYCMODE
(LINE CYCLE ENERGY ACCUMULATION MODE)
TEST1
(TEST MODE SELECTION SHOULD BE SET TO 0)
WAVSEL
(WAVEFORM SELECTION FOR SAMPLE MODE)
00 = LPF2
01 = CH1 + CH2 (40-BIT WAVEFORM SAMPLES)
10 = CH1
11 = CH2
DTRT
(WAVEFORM SAMPLES OUTPUT DATA RATE)
00 = 27.9kSPS (CLKIN/128)
01 = 14.4kSPS (CLKIN/256)
10 = 7.2kSPS (CLKIN/512)
11 = 3.6kSPS (CLKIN/1024)
SWAP
(SWAP CH1 AND CH2 ADCs)
DISCH2
(SHORT THE ANALOG INPUTS ON CHANNEL 2)
DISCH1
(SHORT THE ANALOG INPUTS ON CHANNEL 1)
NOTE: REGISTER CONTENTS SHOW POWER-ON DEFAULTS
Figure 48. Mode Register
Interrupt Status Register (04H)/Reset Interrupt Status Register (05H)
The Status register is used by the MCU to determine the source of an interrupt request (
IRQ). When an interrupt event occurs in the
ADE7759, the corresponding flag in the Interrupt Status register is set logic high. If the enable bit for this flag is Logic 1 in the Inter-
rupt Enable register, the
IRQ logic output goes active low. When the MCU services the interrupt, it must first carry out a read from
the Interrupt Status register to determine the source of the interrupt.
Table VII. Interrupt Status Register, Reset Interrupt Status Register, and Interrupt Enable Register
Bit
Interrupt
Location
Flag
Description
0
AEHF
Indicates that an interrupt was caused by the 0 to 1 transition of the MSB of the Active Energy register.
1
SAG
Indicates that an interrupt was caused by a SAG on the line voltage or no zero crossings were detected.
2
CYCEND
Indicates the end of energy accumulation over an integer number of half line cycles as defined by
the content of the LINECYC register—see Line Cycle Energy Accumulation Mode section.
3
WSMP
Indicates that new data is present in the Waveform register.
4
ZX
This status bit reflects the status of the ZX logic ouput—see Zero Crossing Detection section.
5
TEMP
Indicates that a temperature conversion result is available in the Temperature register.
6
RESET
Indicates the end of a reset (for both software or hardware reset). The corresponding enable bit has
no function in the Interrupt Enable register, i.e., this status bit is set at the end of a reset, but it
cannot be enabled to cause an interrupt.
7
AEOF
Indicates that the Active Energy register has overflowed.
010
00
00
0
765
4
3210
ADDR: 04H/RESET: 05H
AEHF
(ACTIVE ENERGY REGISTER HALF FULL)
SAG
(LINE VOLTAGE SAG DETECT)
CYCEND
(LINE CYCLE ENERGY ACCUMULATION END)
WSMP
(WAVEFORM SAMPLING)
AEOF
(ACTIVE ENERGY REGISTER OVERFLOW)
TEMP
(TEMPERATURE REGISTER READY)
ZX
(ZERO CROSSING DETECTED)
RESET
(END OF A HARDWARE OR SOFTWARE RESET)
NOTE: REGISTER CONTENTS SHOW POWER ON DEFAULTS
Figure 49. Interrupt Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com