Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG731BCP Datasheet(PDF) 12 Page - Analog Devices

Part # ADG731BCP
Description  16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731BCP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG731BCP Datasheet HTML 7Page - Analog Devices ADG731BCP Datasheet HTML 8Page - Analog Devices ADG731BCP Datasheet HTML 9Page - Analog Devices ADG731BCP Datasheet HTML 10Page - Analog Devices ADG731BCP Datasheet HTML 11Page - Analog Devices ADG731BCP Datasheet HTML 12Page - Analog Devices ADG731BCP Datasheet HTML 13Page - Analog Devices ADG731BCP Datasheet HTML 14Page - Analog Devices ADG731BCP Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
–12–
REV. PrD
ADG725/ADG731
PRELIMINARY TECHNICAL DATA
GENERAL DESCRIPTION
The ADG725 and ADG731 are serially controlled, 32
channel and dual/differential 16 channel multiplexers re-
spectively.
POWER ON RESET
On power up of the device, all switches will be in the
OFF condition and the internal shift register is filled with
zeros and will remain so until a valid write takes place.
SERIAL INTERFACE
The ADG725 and ADG731 have a three wire serial inter-
face (
SYNC, SCLK, and DIN), which is compatible with
SPI, QSPI, MICROWIRE interface standards and most
DSP’s. Figure 1 shows the timing diagram of a typical
write sequence.
Data is written to the 8-bit shift register via DIN under
the control of the
SYNC and SCLK signals.
When
SYNC goes low, the input shift register is enabled.
An 8-bit counter is also enabled. Data from DIN is
clocked into the shift register on the falling edge of
SCLK. Figures 2 & 3 show the contents of the input shift
registers for these devices. When the part has received
eight clock cycles after
SYNC has been pulled low, the
switches are automatically updated with the new
configuration and the input shift register is disabled. With
SYNC held high, any further data or noise on the DIN
line will have no effect on the shift register.
The ADG725
CSA and CSB data bits allow the user the
flexibility to change the configuration of either or both
banks of the multiplexer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com