Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG731BCP Datasheet(PDF) 13 Page - Analog Devices

Part # ADG731BCP
Description  16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731BCP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG731BCP Datasheet HTML 7Page - Analog Devices ADG731BCP Datasheet HTML 8Page - Analog Devices ADG731BCP Datasheet HTML 9Page - Analog Devices ADG731BCP Datasheet HTML 10Page - Analog Devices ADG731BCP Datasheet HTML 11Page - Analog Devices ADG731BCP Datasheet HTML 12Page - Analog Devices ADG731BCP Datasheet HTML 13Page - Analog Devices ADG731BCP Datasheet HTML 14Page - Analog Devices ADG731BCP Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ADG725/ADG731
–13–
REV. PrD
PRELIMINARY TECHNICAL DATA
Test Circuit 1. On Resistance.
Test Circuits
Test Circuit 2. IS (OFF).
Test Circuit 3. ID (OFF)
Test Circuit 4. ID (ON)
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION.
Test Circuit 6. Break Before Make Delay, tOPEN.
VS
IS(OFF)
VD
S1
S2
S32
D
GND
V
DD
VDD
V
SS
VSS
ID(ON)
VD
S1
S32
VS
D
A
GND
V
DD
VDD
V
SS
VSS
VD
S1
S2
S32
VS
ID(OFF)
D
GND
V
DD
VDD
A
V
SS
VSS
IDS
S
RON = V1/IDS
V S
D
V1
50%
VOUT
tTRANSITION
90%
90%
tTRANSITION
SYNC
50%
VOUT
D
VS1
* SIMILAR CONNECTION FOR ADG725
GND
ADG731*
S1
S32
S2 THRU S31
VS32
RL
300
Ω
CL
35pF
0V
V
DD
VDD
V
SS
VSS
VS1
VS32
VDD
VDD
VOUT
D
VS
ADG731*
S1
S32
S2 THRU S31
RL
300
Ω
CL
35pF
VOUT
tOPEN
80%
80%
0V
VS
SYNC
*SIMILAR CONNECTION FOR ADG725
VSS
VSS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com