Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1486 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1486
Description  5 V Low Power RS-485 PROFIBUS Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486 Datasheet(HTML) 1 Page - Analog Devices

  ADM1486 Datasheet HTML 1Page - Analog Devices ADM1486 Datasheet HTML 2Page - Analog Devices ADM1486 Datasheet HTML 3Page - Analog Devices ADM1486 Datasheet HTML 4Page - Analog Devices ADM1486 Datasheet HTML 5Page - Analog Devices ADM1486 Datasheet HTML 6Page - Analog Devices ADM1486 Datasheet HTML 7Page - Analog Devices ADM1486 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV Pr. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+5 V Low Power
RS-485PROFIBUSTransceiver
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Meets & Exceeds EIA RS-485 & EIA RS-422 Standard
50 Mb/s Data Rate
Recommended for PROFIBUS Applications
2.1V Minimum Differential Output with 54
Termination
Low Power 0.5mA ICC
Thermal Shutdown & Short Circuit Protection
Zero Skew Driver & Receiver
Driver Propagation Delay: 8 ns
Receiver Propagation Delay: 12 ns
High Z Outputs with Drivers Disabled or Power Off
Superior Upgrade for SN65ALS1176
15kV HBM ESD Protection on I/O Pins A & B
Available in Standard 8-pin SOIC & Miniature 8-pin
Micro SOIC packages
APPLICATIONS
Industrial Field Equipment
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
RO
RE
DE
DI
R
D
A
B
GND
VCC
ADM1486
GENERAL DESCRIPTION
The ADM1486 is a differential line transceiver suitable
for high speed bidirectional data communication on
multipoint bus transmission lines. It is designed for
balanced data transmission, complies with EIA Standards
RS-485 and RS-422 and is recommended for PROFIBUS
applications. The part contains a differential line driver
and a differential line receiver. Both the driver and the
receiver may be enabled independently. When disabled or
with power off, the driver outputs are tristated.
The ADM1486 operates from a single +5 V power supply.
Excessive power dissipation caused by bus contention or
by output shorting is prevented by a thermal shutdown
circuit. This feature forces the driver output into a high
impedance state if during fault conditions a significant
temperature increase is detected in the internal driver
circuitry.
Up to 50 transceivers may be connected simultaneously on
a bus, but only one driver should be enabled at any time.
It is important therefore that the remaining disabled
drivers do not load the bus. To ensure this, the ADM1486
driver features high output impedance when disabled and
also when powered down.
This minimizes the loading effect when the transceiver is
not being utilized. The high impedance driver output is
maintained over the entire common-mode voltage range
from –7 V to +12 V.
The receiver contains a fail safe feature which results in a
logic high output state if the inputs are unconnected
(floating).
The ADM1486 is fabricated on BiCMOS, an advanced
mixed technology process combining low power CMOS
with fast switching bipolar technology. All inputs and
outputs contain protection against ESD; all driver outputs
feature high source and sink current capability. An epi-
taxial layer is used to guard against latch-up.
The ADM1486 features extremely fast switching speeds.
Minimal driver propagation delays permit transmission at
data rates up to 50 Mbits/s while low skew minimizes
EMI interference.
The part is fully specified over the commercial and indus-
trial temperature range and is available in an 8-lead
DIL/SOIC/µSOIC package.
Preliminary Technical Data
ADM1486
PRELIMINARY TECHNICAL DATA


Similar Part No. - ADM1486

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486 Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
More results

Similar Description - ADM1486

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
-5 V Low Power EIA RS-485 Transceiver
REV.A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
5 V Low Power EIA RS-485 Transceiver
REV.A
logo
Texas Instruments
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Analog Devices
ADM1486 AD-ADM1486_05 Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1486 AD-ADM1486_15 Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
logo
Texas Instruments
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
Isolated RS-485 Profibus Transceiver
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
Isolated Profibus RS-485 Transceiver
logo
Analog Devices
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com