Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM222 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM222
Description  High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM222 Datasheet(HTML) 6 Page - Analog Devices

  ADM222 Datasheet HTML 1Page - Analog Devices ADM222 Datasheet HTML 2Page - Analog Devices ADM222 Datasheet HTML 3Page - Analog Devices ADM222 Datasheet HTML 4Page - Analog Devices ADM222 Datasheet HTML 5Page - Analog Devices ADM222 Datasheet HTML 6Page - Analog Devices ADM222 Datasheet HTML 7Page - Analog Devices ADM222 Datasheet HTML 8Page - Analog Devices ADM222 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
REV. 0
–6–
ADM222/ADM232A/ADM242–Typical Performance Characteristics
Figure 16. Transmitter Output Voltage vs. Current
Figure 13. Charge Pump V+, V– vs. Current
Figure 14. Transmitter Baud Rate vs. Load Capacitance
Figure 17. Charge Pump V+, V– Exiting Shutdown
Figure 18. Transmitter Fully Loaded Slew Rate
Figure 15. Transmitter Unloaded Slew Rate
9
2
4000
5
3
4
0
8
6
7
3000
2000
1000
20kB
60kB
120kB
200kB
400kB
500kB
LOAD CAPACITANCE – pF
VCC = +5V
TA = +25°C
TX1 = +5V; TX2 = 0V – 5V SQUARE WAVE
BOTH TX OUTPUTS LOADED WITH 3k//CL
12
0
15
2
0
6
4
8
10
10
5
VCC = ±5V
TA = +25°C
V+
I+, (
| I– | ) – mA
| V– |
12
0
14
2
0
6
4
8
10
10
6
IOUT – mA
4
28
12
VCC = ±5V
TA = +25°C
TOUT HIGH
| TOUT LOW |
10
90
100
0%
1µs
2.4V
A2
5V
5V
10
90
100
0%
0.010V
100µs
A4
5V
5V
10
90
100
0%
–0.6 V
1 µs
5V
A1
5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com