Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM222 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM222
Description  High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM222 Datasheet(HTML) 1 Page - Analog Devices

  ADM222 Datasheet HTML 1Page - Analog Devices ADM222 Datasheet HTML 2Page - Analog Devices ADM222 Datasheet HTML 3Page - Analog Devices ADM222 Datasheet HTML 4Page - Analog Devices ADM222 Datasheet HTML 5Page - Analog Devices ADM222 Datasheet HTML 6Page - Analog Devices ADM222 Datasheet HTML 7Page - Analog Devices ADM222 Datasheet HTML 8Page - Analog Devices ADM222 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Speed, +5 V, 0.1
µF
CMOS RS-232 Drivers/Receivers
FEATURES
200 kB/s Transmission Rate
Small (0.1
µF) Charge Pump Capacitors
Single 5 V Power Supply
Meets All EIA-232-E and V.28 Specifications
Two Drivers and Two Receivers
On-Board DC-DC Converters
±9 V Output Swing with +5 V Supply
±30 V Receiver Input Levels
Pin Compatible with MAX222/MAX232A/MAX242
APPLICATIONS
Computers
Peripherals
Modems
Printers
Instruments
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM222AN
–40
°C to +85°C
N-18
ADM222AR
–40
°C to +85°C
R-18W
ADM232AAN
–40
°C to +85°C
N-16
ADM232AARN
–40
°C to +85°C
R-16N
ADM232AARW
–40
°C to +85°C
R-16W
ADM242AN
–40
°C to +85°C
N-18
ADM242AR
–40
°C to +85°C
R-18W
* INTERNAL 400k
Ω PULL-UP RESISTOR
ON EACH TTL/MOS INPUT
** INTERNAL 5k
Ω PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
VCC
+5V TO +10V
VOLTAGE DOUBLER
+5V TO –10V
VOLTAGE INVERTER
C1+
C1–
V+
V–
C2+
C2–
T1
ADM2xx
T2
R1
R2
0.1µF
0.1µF
0.1µF
GND
TTL/CMOS
OUTPUTS
R1OUT
R2OUT
T1OUT
T2OUT
R1IN
R2IN
T1IN
T2IN
TTL/CMOS
INPUTS
*
RS-232
OUTPUTS
RS-232
INPUTS
**
0.1µF
+5V INPUT
0.1µF
EN
SHDN
(ADM242)
(ADM222, ADM242)
ADM222/ADM232A/ADM242*
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The ADM222, ADM232A, ADM242 are a family of high speed
RS-232 line drivers/receivers offering transmission rates up to
200 kB/s. Operating from a single +5 V power supply, a highly
efficient on-chip charge pump using small (0.1
µF) external
capacitors allows RS-232 bipolar levels to be developed. Two
RS-232 drivers and two RS-232 receivers are provided on each
device.
The devices are fabricated on BiCMOS, an advanced mixed
technology process which combines low power CMOS with high
speed bipolar circuitry. This allows for transmission rates up to
200 kB/s yet minimizes the quiescent power supply current to
under 5 mA.
The ADM232A is a pin-compatible, high speed upgrade for the
AD232 and for the ADM232L. It is available in 16-pin DIP and
in both narrow and wide surface mount (SOIC) packages.
The ADM222 contains an additional shutdown (SHDN) func-
tion which may be used to disable the device thereby reducing
the supply current to 0.1
µA. During shutdown, all transmit/
receive functions are disabled. The ADM222 is available in
18-pin DIP and in a wide surface mount (SOIC) package.
The ADM242 combines both shutdown (SHDN) and enable
(EN) functions. The shutdown function reduces the supply
curent to 0.1 mA. During shutdown, the transmitters are
disabled but the receivers continue to operate normally. The
enable function allows the receiver outputs to be disabled
thereby facilitating sharing a common bus. The ADM242 is
available in 18-pin DIP and in a wide surface mount (SOIC)
package.
*Protected by U.S. Patent No. 5,237,209.


Similar Part No. - ADM222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM222 AD-ADM222 Datasheet
207Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM222AN AD-ADM222AN Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM222ANZ AD-ADM222ANZ Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM222ANZ AD-ADM222ANZ Datasheet
207Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM222AR AD-ADM222AR Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
More results

Similar Description - ADM222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202 AD-ADM202 Datasheet
305Kb / 6P
High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV.0
ADM205 AD-ADM205 Datasheet
486Kb / 12P
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
ADM232AARWZ AD-ADM232AARWZ Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 關F CMOS RS-232 Drivers/Receivers
REV. B
ADM222 AD-ADM222_01 Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM202JNZ AD-ADM202JNZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202JRNZ AD-ADM202JRNZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM202JRWZ AD-ADM202JRWZ Datasheet
120Kb / 6P
High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. A
ADM206 AD-ADM206 Datasheet
254Kb / 16P
0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM222 AD-ADM222_V01 Datasheet
207Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com