Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6315 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6315
Description  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6315 Datasheet(HTML) 3 Page - Analog Devices

  ADM6315 Datasheet HTML 1Page - Analog Devices ADM6315 Datasheet HTML 2Page - Analog Devices ADM6315 Datasheet HTML 3Page - Analog Devices ADM6315 Datasheet HTML 4Page - Analog Devices ADM6315 Datasheet HTML 5Page - Analog Devices ADM6315 Datasheet HTML 6Page - Analog Devices ADM6315 Datasheet HTML 7Page - Analog Devices ADM6315 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADM6315
–3–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
Terminal Voltage (With Respect to Ground)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Output Current
RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation (TA = +70
°C)
RT-4, SOT-143
Derate by 4 mW/
°C above +70°C . . . . . . . . . . . 320 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 330
°C/W
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +160°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods of time may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
GND
RESET
VCC
ADM6315
1
23
4
MR
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
GND
0 V. Ground reference for all signals.
2
RESET
Active Low Logic Output.
RESET re-
mains low while VCC is below the reset
threshold or when
MR is low, RESET
then remains low for either 1 ms (min),
20 ms (min), 140 ms (min) or 1120 ms
(min) after VCC rises above the reset
threshold and
MR is high.
3
MR
Manual Reset. This active low de-
bounced input will ignore input pulses of
100 ns (typical) and is guaranteed to
accept input pulses of greater than 1
µs.
Leave floating when not used.
4VCC
Monitored supply voltage.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM6315–xxxxxxx-xx*
–40
°C to +85°C
Plastic Surface Mount
SOT-143
*Refer to Tables I to IV.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com