Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6315 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM6315
Description  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6315 Datasheet(HTML) 4 Page - Analog Devices

  ADM6315 Datasheet HTML 1Page - Analog Devices ADM6315 Datasheet HTML 2Page - Analog Devices ADM6315 Datasheet HTML 3Page - Analog Devices ADM6315 Datasheet HTML 4Page - Analog Devices ADM6315 Datasheet HTML 5Page - Analog Devices ADM6315 Datasheet HTML 6Page - Analog Devices ADM6315 Datasheet HTML 7Page - Analog Devices ADM6315 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
ADM6315
–4–
–Typical Performance Characteristics
TEMPERATURE – C
10
4
0
–40
6
2
8
–20
0
20
40
60
80
100
125
VCC = 3
VCC = 5.5
VCC = 1
Figure 2. Supply Current vs. Temperature
TEMPERATURE – C
0
–40
50
–20
0
20
40
60
80
100
125
100
150
200
250
300
350
400
450
VOD = 20mV
VOD = 125mV
VOD = 200mV
Figure 3. Power-Down Reset Delay vs. Temperature
TEMPERATURE – C
0.94
–40
–20
0
20
40
60
80
100
125
0.96
0.98
1.00
1.02
1.04
1.06
Figure 4. Normalized Reset Timeout Period vs. Tempera-
ture (VCC Rising)
RESET COMPARATOR OVERDRIVE, VTH-VCC – mV
300
–100
0
4
8
20
60
100
400
800
400
200
0
600
500
100
700
800
1200
1600
Figure 5. Maximum Transient Duration vs.
RESET Com-
parator Overdrive
TEMPERATURE – C
0.995
–40
–20
0
20
40
60
80
100
125
1.000
1.005
0.990
Figure 6. Normalized Reset Threshold vs. Temperature
(VCC Falling)
SUPPLY VOLTAGE – V
0
0
5
12
3
4
2
12
4
6
8
10
–40 C
+25 C
+85 C
Figure 7. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com