Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJH6284 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJH6284
Description  DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJH6284 Datasheet(HTML) 4 Page - Motorola, Inc

  MJH6284 Datasheet HTML 1Page - Motorola, Inc MJH6284 Datasheet HTML 2Page - Motorola, Inc MJH6284 Datasheet HTML 3Page - Motorola, Inc MJH6284 Datasheet HTML 4Page - Motorola, Inc MJH6284 Datasheet HTML 5Page - Motorola, Inc MJH6284 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJH6282 MJH6283 MJH6284 MJH6285 MJH6286 MJH6287
4
Motorola Bipolar Power Transistor Device Data
IB, BASE CURRENT (mA)
200
500
300
1000
2000
3000
NPN
PNP
1.0
0.8
2.0
5.0
2.2
1.8
2.6
2.4
3.0
10
2.0
30
2.8
1.0
1.6
50
100
IC = 15 A
Figure 9. DC Current Gain
0.2
20
3.0
1.0
0.5
5.0
10
0.3
2.0
7.0
20
TJ = 150°C
25
°C
– 55
°C
VCE = 3.0 V
IC, COLLECTOR CURRENT (AMPS)
Figure 10. Collector Saturation Region
Figure 11. “On” Voltages
1.2
1.4
300 500
1000
200
TJ = 25°C
IC = 10 A
IC = 5.0 A
0.1
IC, COLLECTOR CURRENT (AMPS)
2.0
1.5
3.0
2.5
1.0
0.5
0.2
0.5
5.0
0.3
1.0
0.7
3.0
30
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
7.0
2.0
10
20
150
1000
700
500
2000
3000
5000
0.2
3.0
1.0
0.5
5.0
10
0.3
2.0
7.0
TJ = 150°C
25
°C
– 55
°C
VCE = 3.0 V
IC, COLLECTOR CURRENT (AMPS)
300
IB, BASE CURRENT (mA)
1.0
0.8
2.0
5.0
2.2
1.8
2.6
2.4
3.0
10
2.0
30
2.8
1.0
1.6
50
100
IC = 15 A
20
1.2
1.4
300 500
200
IC = 10 A
IC = 5.0 A
0.1
IC, COLLECTOR CURRENT (AMPS)
2.0
1.5
3.0
2.5
1.0
0.5
0.2
0.5
5.0
0.3
1.0
0.7
3.0
30
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE(on) @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
7.0
2.0
10
20
20
1000
0.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com