Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJH6284 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJH6284
Description  DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJH6284 Datasheet(HTML) 3 Page - Motorola, Inc

  MJH6284 Datasheet HTML 1Page - Motorola, Inc MJH6284 Datasheet HTML 2Page - Motorola, Inc MJH6284 Datasheet HTML 3Page - Motorola, Inc MJH6284 Datasheet HTML 4Page - Motorola, Inc MJH6284 Datasheet HTML 5Page - Motorola, Inc MJH6284 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJH6282 MJH6283 MJH6284 MJH6285 MJH6286 MJH6287
3
Motorola Bipolar Power Transistor Device Data
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.03
0.7
0.2
0.1
0.05
0.02
0.05
1.0
3.0
5.0
10
30
50
100
300
500
R
θJC(t) = r(t) RθJC
R
θJC = 0.78°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.1
0.5
0.2
1000
0.5
0.3
0.07
0.03
0.01
0.02
2.0
20
200
0.3
0.2
0.1
0.05
0.02
0.01
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMITED
THERMAL LIMITATION
@ TC = 25°C
SINGLE PULSE
TJ = 150°C
0.5 ms
Figure 5. MJH6282, MJH6285
Figure 6. MJH6283, MJH6286
Figure 7. MJH6284, MJH6287
dc
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
50
2.0
0.1
5.0
10
10
0.5
50
0.2
5.0
20
1.0
20
100
0.05
TJ = 150°C
dc
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
50
2.0
0.1
5.0
10
10
0.5
50
0.2
5.0
20
1.0
20
100
0.05
TJ = 150°C
dc
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
50
2.0
0.1
5.0
10
10
0.5
50
0.2
5.0
20
1.0
20
100
0.05
1.0 ms
5.0 ms
0.1 ms
0.5 ms
1.0 ms
5.0 ms
0.1 ms
0.5 ms
1.0 ms
5.0 ms
0.1 ms
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMITED
THERMAL LIMITATION
@ TC = 25°C
SINGLE PULSE
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMITED
THERMAL LIMITATION
@ TC = 25°C
SINGLE PULSE
FBSOA, FORWARD BIAS SAFE OPERATING AREA
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0
50
60
10
20
80
40
40
10
DUTY CYCLE = 10%
30
20
30
110
100
0
Figure 8. Maximum RBSOA, Reverse Bias
Safe Operating Area
L = 200
µH
IC/IB ≥ 100
TC = 25°C
VBE(off) = 0 – 5.0 V
RBE = 47 Ω
MJH6282, 6285
MJH6283, 6286
MJH6284, 6287
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5, 6 and 7 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
v 150 _C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com