Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM9240 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 3 Page - Analog Devices

  ADM9240 Datasheet HTML 1Page - Analog Devices ADM9240 Datasheet HTML 2Page - Analog Devices ADM9240 Datasheet HTML 3Page - Analog Devices ADM9240 Datasheet HTML 4Page - Analog Devices ADM9240 Datasheet HTML 5Page - Analog Devices ADM9240 Datasheet HTML 6Page - Analog Devices ADM9240 Datasheet HTML 7Page - Analog Devices ADM9240 Datasheet HTML 8Page - Analog Devices ADM9240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
–3–
REV. 0
ADM9240
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
OPEN-DRAIN SERIAL DATA BUS
OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –3.0 mA,
VCC = 4.25 V–5.75 V
0.4
V
IOUT = –3.0 mA
VCC = 2.85 V–3.45 V
High Level Output Current, IOH
0.1
100
µAV
OUT = VCC
SERIAL BUS DIGITAL INPUTS
(SCL, SDA)
Input High Voltage, VIH
0.7
× V
CC
V
Input Low Voltage, VIL
0.3
× V
CC
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS
(A0, A1, CI,
RESET, VID0 – VID4,
FAN1, FAN2)
Input High Voltage, VIH
2.4
V
VCC = 4.25 V–5.75 V
Input Low Voltage, VIL
0.8
V
VCC = 4.25 V–5.75 V
Input High Voltage, VIH
2.0
V
VCC = 2.85 V–3.45 V
Input Low Voltage, VIL
0.4
V
VCC = 2.85 V–3.45 V
NTEST_IN
Input High Voltage, VIH
2.4
V
VCC = 4.25 V–5.75 V
Input High Voltage, VIH
2.0
V
VCC = 2.85 V–3.45 V
DIGITAL INPUT CURRENT
Input High Current, IIH
–1
µAV
IN = VCC
Input High Current, A0, A1, IIH
–200
75
µAV
IN = VCC (Note 6)
Input Low Current, IIL
1
µAV
IN = 0
Input Capacitance, CIN
20
pF
SERIAL BUS TIMING
7
Clock Frequency, fSCLK
400
kHz
See Figure 1
Glitch Immunity, tSW
50
ns
See Figure 1
Bus Free Time, tBUF
1.3
µs
See Figure 1
Start Setup Time, tSU;STA
600
ns
See Figure 1
Start Hold Time, tHD;STA
600
ns
See Figure 1
SCL Low Time, tLOW
1.3
µs
See Figure 1
SCL High Time, tHIGH
0.6
µs
See Figure 1
SCL, SDA Rise Time, tR
300
ns
See Figure 1
SCL, SDA Fall Time, tF
300
µs
See Figure 1
Data Setup Time, tSU;DAT
100
ns
See Figure 1
Data Hold Time, tHD;DAT
900
ns
See Figure 1
NOTES
1All voltages are measured with respect to GND, unless otherwise noted.
2Typicals are at T
A = +25
°C and represent most likely parametric norm. Shutdown current typ is measured with V
CC = 3.3 V.
3TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC, multiplexer and on-chip input attenuators, including an external series input
protection resistor value between zero and 1 k
Ω.
4Total monitoring cycle time is the time taken to measure all six analog inputs plus the temperature sensor.
5The total fan count is based on 2 pulses per revolution of the fan tachometer output.
6A0 and A1 have internal 75 k
Ω pull-down.
7Timing specifications are tested at logic levels of V
IL = 0.3
× V
CC for a falling edge and V IH = 0.7
× V
CC for a rising edge.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com