Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTPFPGMEVMEUG Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # KTPFPGMEVMEUG
Description  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button KTPFPGMEVMEUG Datasheet HTML 14Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 20Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 21Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
KTPFPGMEVMEUG, Rev. 2.0
18
Freescale Semiconductor
Graphical User Interface Description
6
Graphical User Interface Description
The KITPF0100GUI is a graphical user interface created to control the KITPF0100EPEVBE evaluation board as
well as to control any PF0100 based application board through the KITPFPGMEVME programmer. The GUI is
divided into tabs that can be selected to display a window associated with each functional aspect of the PF0100
device. Note that, depending on the device connected to the USB port, the GUI enables or disables sections that
are not accessible to an specific device. The following section describes only the tabs used to control a PF0100
device with the KITPFPGMEVME programming board.
6.1
Getting Started
1. Connect the PF Programmer to the target board using the 8-pin ribbon cable, then connect the USB cable
from the Mini-B USB port to the computer.
2. Press the “Open Session” button to search for the PF0100 Programmer device.
3. The “Select Resource” dialog box should pop up, and you should see the KITPFPGMEVME device listed.
The USB Vendor ID is 0x15A2, and the Part ID is 0x0050 for the KITPFPGMEVME.
Select the device and press the “OK” button.
Figure 17. OPEN USB Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com