Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC201 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMC201
Description  Motion Coprocessor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC201 Datasheet(HTML) 5 Page - Analog Devices

  ADMC201 Datasheet HTML 1Page - Analog Devices ADMC201 Datasheet HTML 2Page - Analog Devices ADMC201 Datasheet HTML 3Page - Analog Devices ADMC201 Datasheet HTML 4Page - Analog Devices ADMC201 Datasheet HTML 5Page - Analog Devices ADMC201 Datasheet HTML 6Page - Analog Devices ADMC201 Datasheet HTML 7Page - Analog Devices ADMC201 Datasheet HTML 8Page - Analog Devices ADMC201 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ADMC201
REV. B
–5–
PIN DESIGNATIONS
Pin
Mnemonic Type
Description
38
REFOUT
O/P
Internal 2.5 V Analog Reference
39
VDD
SUP
+5 V Digital Power Supply
40
DGND
GND
Digital Ground
41
DGND
GND
Digital Ground
42
DGND
GND
Digital Ground
43
DGND
GND
Digital Ground
44
VDD
SUP
+5 V Digital Power Supply
45
NC
No Connect
46
DGND
GND
Digital Ground
47
STOP
I/P
PWM Timer Output Disable
48
PWMSYNC
O/P
PWM Synchronization Output
49
CP
O/P
PWM Timer Output C Prime
50
C
O/P
PWM Timer Output C
51
BP
O/P
PWM Timer Output B Prime
52
NC
No Connect
53
B
O/P
PWM Timer Output B
54
AP
O/P
PWM Timer Output A Prime
55
A
O/P
PWM Timer Output A
56
DGND
GND
Digital Ground
57
DGND
GND
Digital Ground
58
DGND
GND
Digital Ground
59
VDD
SUP
+5 V Digital Power Supply
60
D0
BIDIR
Data Bit 0, LSB
61
D1
BIDIR
Data Bit 1
62
D2
BIDIR
Data Bit 2
63
D3
BIDIR
Data Bit 3
64
D4
BIDIR
Data Bit 4
65
D5
BIDIR
Data Bit 5
66
D6
BIDIR
Data Bit 6
67
D7
BIDIR
Data Bit 7
68
D8
BIDIR
Data Bit 8
Pin Types
Pin Types
I/P = Input Pin
BIDIR = Bidirectional Pin
O/P = Output Pin
SUP = Supply Pin
GND = Ground Pin
Pin
Mnemonic Type
Description
1
D9
BIDIR
Data Bit 9
2
D10
BIDIR
Data Bit 10
3
D11
BIDIR
Data Bit 11, MSB
4
PIO0
BIDIR
Programmable Digital I/O Bit 0
5
PIO1
BIDIR
Programmable Digital I/O Bit 1
6
PIO2
BIDIR
Programmable Digital I/O Bit 2
7
PIO3
BIDIR
Programmable Digital I/O Bit 3
8
PIO4
BIDIR
Programmable Digital I/O Bit 4
9
PIO5
BIDIR
Programmable Digital I/O Bit 5
10
VDD
SUP
+5 V Digital Power Supply
11
A3
I/P
Address Bit 3, MSB
12
A2
I/P
Address Bit 2
13
A1
I/P
Address Bit 1
14
A0
I/P
Address Bit 0, LSB
15
NC
No Connect
16
RESET
I/P
Chip Reset
17
CONVST
I/P
A/D Conversion Start
18
IRQ
O/P
Interrupt Request (Pull-Up Required)
19
VDD
SUP
+5 V Digital Power Supply
20
DGND
GND
Digital Ground
21
CLK
I/P
External Clock Input
22
WR
I/P
Write Select
23
RD
I/P
Output Enable/Read
24
CS
I/P
Chip Select
25
NC
No Connect
26
VDD
SUP
+5 V Analog Power Supply
27
AGND
GND
Analog Ground
28
AGND
GND
Analog Ground
29
U
I/P
Analog Input U
30
V
I/P
Analog Input V
31
W
I/P
Analog Input W
32
SGND
GND
Analog Signal Ground
33
REFIN
I/P
Analog Reference Input
34
AUX3
I/P
Auxiliary Analog Input 3
35
AUX2
I/P
Auxiliary Analog Input 2
36
AUX1
I/P
Auxiliary Analog Input 1
37
AUX0
I/P
Auxiliary Analog Input 0
PIN CONFIGURATION
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
961
8765
68 67 66 65 64 63 62
4321
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
D0
VDD
DGND
DGND
DGND
A
AP
B
NC
BP
C
CP
PWMSYNC
STOP
DGND
NC
VDD
VDD
A3
A2
A1
A0
NC
RESET
CONVST
IRQ
VDD
DGND
CLK
WR
RD
CS
NC
VDD
NC = NO CONNECT
ADMC201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com