Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC201 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMC201
Description  Motion Coprocessor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC201 Datasheet(HTML) 3 Page - Analog Devices

  ADMC201 Datasheet HTML 1Page - Analog Devices ADMC201 Datasheet HTML 2Page - Analog Devices ADMC201 Datasheet HTML 3Page - Analog Devices ADMC201 Datasheet HTML 4Page - Analog Devices ADMC201 Datasheet HTML 5Page - Analog Devices ADMC201 Datasheet HTML 6Page - Analog Devices ADMC201 Datasheet HTML 7Page - Analog Devices ADMC201 Datasheet HTML 8Page - Analog Devices ADMC201 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ADMC201
REV. B
–3–
9
Table I. Timing Specifications (VDD = 5 V,
5%; TA = –40 C to +85 C)
Number
Symbol
Timing Requirements
Min
Max
Units
1tperclk
CLK Period
40
160
ns
2tpwhclk
CLK Pulsewidth, High
20
ns
3tpwlclk
CLK Pulsewidth, Low
20
ns
4tsucsb_wrb
CS Low before Falling Edge of WR
0ns
5tsuaddr_wrb
ADDR Valid before Falling Edge of
WR
0ns
6tsudata_wrb
DATA Valid before Rising Edge of
WR
13
ns
7thdwrb_data
DATA Hold after Rising Edge of
WR
4.5
ns
8thdwrb_addr
ADDR Hold after Rising Edge of
WR
4.5
ns
9thdwrb_csb
CS Hold after Rising Edge of WR
4.5
ns
10
tpwlwrb
1
WR Pulsewidth, Low
20
ns
11
tpwhwrb
1
WR Pulsewidth, High
20
ns
12
thdwrb_clk_h
1
WR Low after Rising Edge of CLK
7
ns
13
tsuwrb_clk_h
1
WR High before Rising Edge of CLK
7
ns
14
tsuwrb_clk_l
1
WR High before Falling Edge of CLK
10
ns
15
thdclk_wrb_l
1
WR High after Falling Edge of CLK
10
ns
16
tsucsb_rdb
CS Low before Falling Edge of RD
0ns
17
tsuaddr_rdb
ADDR Valid before Falling Edge of
RD
0ns
18
thdrdb_addr
ADDR Hold after Rising Edge of
RD
0ns
19
thdrdb_csb
CS Hold after Rising Edge of RD
0ns
20
tpwlrdb
RD Pulsewidth, Low
20
ns
21
tpwhrdb
RD Pulsewidth, High
20
ns
22
tsurdb_clk_h
RD Low before Rising Edge of CLK
7.5
ns
23
thdrdb_clk_h
RD Low after Rising Edge of CLK
7.5
ns
24
tpwlresetb
RESET Pulsewidth, Low
2
× t
perclk
ns
NOTE
1All WRITES to the ADMC201 must occur within 1 System Clock Cycle (0 wait states).
Number
Symbol
Switching Characteristics
Min
Max
Units
25
tdlyrdb_data
DATA Valid after Falling Edge of
RD
23
ns
26
thdrdb_data
DATA Hold after Rising Edge of
RD
0ns
27
tpwh_pio
Digital I/O Pulsewidth, High
2
× tperclk
ns
28
tpwl_pio
Digital I/O Pulsewidth, Low
2
× tperclk
ns
1
2
3
CLK
Figure 1. Clock Input Timing
RESET
24
CLK
Figure 2. Reset Input Timing
11
4
5
6
7
10
12
15
13
9
8
14
CLK
CS
A0–A3
WR
DATA
NOTE:
ALL WRITES TO THE ADMC201 MUST OCCUR WITHIN
ONE SYSTEM CLOCK CYCLE (i.e., 0 WAIT STATES)
Figure 3. Write Cycle Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com