Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMCF340 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 8Page - Analog Devices ADMCF340 Datasheet HTML 9Page - Analog Devices ADMCF340 Datasheet HTML 10Page - Analog Devices ADMCF340 Datasheet HTML 11Page - Analog Devices ADMCF340 Datasheet HTML 12Page - Analog Devices ADMCF340 Datasheet HTML 13Page - Analog Devices ADMCF340 Datasheet HTML 14Page - Analog Devices ADMCF340 Datasheet HTML 15Page - Analog Devices ADMCF340 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
REV. 0
ADMCF340
–12–
Reset
The ADMCF340 DSP core and peripherals must be correctly
reset when the device is powered up to assure proper unitization.
The ADMCF340 contains an integrated power-on-reset (POR)
circuit that provides a complete system reset on power-up and
power-down. The POR circuit monitors the voltage on the
ADMCF340 VDD Pin and holds the DSP core and peripherals
in reset while VDD is less than the threshold voltage level, VRST.
When this voltage is exceeded, the ADMCF340 is held in reset
for an additional 2
16 DSP clock cycles (T
RST in Figure 5). During
this time (TRST), the supply voltage must reach the recommended
operating condition. On power-down, when the voltage on the
VDD Pin falls below VRST –VHYST, the ADMCF340 will be
reset. Also, if the external
RESET Pin is actively pulled low
at any time after power-up, a complete hardware reset of the
ADMCF340 is initiated.
VRST
VDD
RESET
VRST – VHYST
TRST
Figure 5. Power-On Reset Operation
The ADMCF340 sets all internal stack pointers to the empty
stack condition, masks all interrupts, clears the MSTAT Register,
and performs a full reset of all the motor control peripherals.
Following a power-up, it is possible to initiate a DSP core and
motor control peripheral reset by pulling the
RESET Pin low.
The
RESET signal must be the minimum pulsewidth specification,
tRSP. Following the reset sequence, the DSP core starts executing
code from the internal PM ROM located at 0x0800.
DSP Control Registers
The DSP core has a system control register, SYSCNTL, memory-
mapped at DM (0x3FFF). SPORT1 must be configured as a
serial port by setting Bit 10. SPORT0 and SPORT1 are enabled
by setting Bit 11 and Bit 12.
The DSP core has a wait state control register, MEMWAIT,
memory-mapped at DM (0x3FFE). The default value of this
register is 0xFFFF. For proper operation of the ADMCF340,
this register must always contain the value 0x8000. This value
sets the minimum access time to the program memory.
The configurations of both the SYSCNTL and MEMWAIT Reg-
isters of the ADMCF340 are shown at the end of the data sheet.
THREE-PHASE PWM CONTROLLER
Overview
The PWM generator block of the ADMCF340 is a flexible,
programmable, three-phase PWM waveform generator that can
be programmed to generate the required switching patterns to
drive a three-phase voltage source inverter for ac induction motors
(ACIM) or permanent magnet synchronous motors (PMSM).
In addition, the PWM block contains special functions that
considerably simplify the generation of the required PWM
switching patterns for control of electronically commutated
motors (ECM), brushless dc motors (BDCM), or switched
reluctance motors (SRM).
The six PWM output signals consist of three high side drive
signals (AH, BH, and CH) and three low side drive signals (AL,
BL, and CL). The switching frequency, dead time, and minimum
pulsewidths of the generated PWM patterns are programmable
using, respectively, the PWMTM, PWMDT, and PWMPD
registers. In addition, three registers (PWMCHA, PWMCHB,
and PWMCHC) control the duty cycles of the three pairs of
PWM signals.
PWMTRIP
OR
PWMSWT (0)
OVER
CURRENT
TRIP
PWM SHUTDOWN CONTROLLER
ANALOG BLOCK
PWMTRIP
ISENSE3
PWMSEG (8...0)
OUTPUT
CONTROL
UNIT
GATE
DRIVE
UNIT
CLK
PWM DUTY CYCLE
REGISTERS
PWM CONFIGURATION
REGISTERS
TO INTERRUPT
CONTROLLER
THREE-PHASE
PWM TIMING
UNIT
CLK
RESET
SYNC
SYNC
PWMSYNC
CLKOUT
AH
AL
BH
BL
CH
CL
PWMGATE (9...0)
PWMTM (15...0)
PWMDT (9...0)
PWMPD (9...0)
PWMSYNCWT (7...0)
MODECTRL (6)
PWMCHA (15...0)
PWMCHB (15...0)
PWMCHC (15...0)
ISENSE2
ISENSE1
Figure 6. Overview of the PWM Controller of the ADMCF340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com