Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMCF340 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 11Page - Analog Devices ADMCF340 Datasheet HTML 12Page - Analog Devices ADMCF340 Datasheet HTML 13Page - Analog Devices ADMCF340 Datasheet HTML 14Page - Analog Devices ADMCF340 Datasheet HTML 15Page - Analog Devices ADMCF340 Datasheet HTML 16Page - Analog Devices ADMCF340 Datasheet HTML 17Page - Analog Devices ADMCF340 Datasheet HTML 18Page - Analog Devices ADMCF340 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
REV. 0
ADMCF340
–15–
which means that the width of the pulse is programmable from TCK
to 256 TCK (corresponding to 50 ns to 12.8
µs for a CLKOUT
rate of 20 MHz). Following a reset, the PWMSYNCWT Register
contains 0x27 (= 39) so that the default PWMSYNC width is 2.0
µs.
PWM Duty Cycles: PWMCHA, PWMCHB, PWMCHC
Registers
The duty cycles of the six PWM output signals are controlled by
the three duty cycle registers, PWMCHA, PWMCHB, and
PWMCHC. The integer value in the register PWMCHA controls
the duty cycle of the signals on AH and AL. PWMCHB controls
the duty cycle of the signals on BH and BL, and PWMCHC
controls the duty cycle of the signals on CH and CL. The duty cycle
registers are programmed in integer counts of the fundamental
time unit, TCK, and define the desired on-time of the high side
PWM signal produced by the three-phase timing unit over half the
PWM period. The switching signals produced by the three-phase
timing unit are also adjusted to incorporate the programmed dead
time value in the PWMDT Register.
The PWM is center-based. This means that in single update mode,
the resulting output waveforms are symmetrical and centered
in the PWMSYNC period. Figure 7 presents a typical PWM timing
diagram illustrating the PWM-related registers’ (PWMCHA,
PWMTM, PWMDT, and PWMSYNCWT) control over the
waveform timing in both half cycles of the PWM period. The
magnitude of each parameter in the timing diagram is determined by
multiplying the integer value in each register by TCK (typically
50 ns). It may be seen in the timing diagram how dead time is
incorporated into the waveforms by moving the switching edges
away from the original values set in the PWMCHA Register.
PWMCHA
2
PWMDT
PWMSYNCWT + 1
PWMCHA
PWMTM
PWMTM
AH
AL
PWMSYNC
SYSSTAT (3)
2
PWMDT
Figure 7. Typical PWM Outputs of Three-Phase Timing
Unit in Single Update Mode
Each switching edge is moved by an equal amount (PWMDT
× TCK) to preserve the symmetrical output patterns. The
PWMSYNC pulse, whose width is set by the PWMSYNCWT
Register, is also shown. Bit 3 of the SYSSTAT Register indicates
which half cycle is active. This can be useful in double update
mode, to be discussed later in this data sheet.
The resultant on-times of the PWM signals shown in Figure 5
may be written as:
TPWMCHA
PWMDT
T
TPWMTM
PWMCHA
PWMDT
T
AH
CK
AL
CK
=×
×
=×
×
2
2
(–
)
(–
–
)
The corresponding duty cycles are:
d
T
T
PWMCHA
PWMDT
PWMTM
d
T
T
PWMTM
PWMCHA
PWMDT
PWMTM
AH
AH
S
AL
AL
S
==
==
–
––
Obviously, negative values of TAH and TAL are not permitted
because the minimum permissible value is zero, corresponding
to a 0% duty cycle. In a similar fashion, the maximum value is
TS, corresponding to a 100% duty cycle.
The output signals from the timing unit for operation in double
update mode are shown in Figure 8. This illustrates a completely
general case where the switching frequency, dead time, and duty
cycle are all changed in the second half of the PWM period. Of
course, the same value for any or all of these quantities could be
used in both halves of the PWM cycle. However, it can be seen
that there is no guarantee that symmetrical PWM signals will be
produced by the timing unit in this double update mode.
Additionally, it is seen that the dead time is inserted into the PWM
signals in the same way as in the single update mode.
PWMCHA2
2
PWMDT1
2
PWMDT2
PWMSYNCWT2 + 1
PWMCHA1
PWMTM1
PWMTM2
PWMSYNCWT1 + 1
AH
AL
PWMSYNC
SYSSTAT (3)
Figure 8. Typical PWM Outputs of Three-Phase Timing
Unit in Double Update Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com