Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMCF341 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMCF341
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMCF341 Datasheet HTML 12Page - Analog Devices ADMCF341 Datasheet HTML 13Page - Analog Devices ADMCF341 Datasheet HTML 14Page - Analog Devices ADMCF341 Datasheet HTML 15Page - Analog Devices ADMCF341 Datasheet HTML 16Page - Analog Devices ADMCF341 Datasheet HTML 17Page - Analog Devices ADMCF341 Datasheet HTML 18Page - Analog Devices ADMCF341 Datasheet HTML 19Page - Analog Devices ADMCF341 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
REV. 0
–16–
ADMCF341
PWMCHA = PWMCHB
PWMTM
PWMTM
AH
AL
BH
BL
2
PWMDT
2
PWMDT
CH
CL
Figure 9. An Example of PWM Signals Suitable for
ECM Control. PWMCHA = PWMCHB, BH/BL are a
Crossover Pair. AL, BH, CH, and CL Outputs are
Disabled. Operation Is in Single Update Mode.
Gate Drive Unit: PWMGATE Register
The gate drive unit of the PWM controller adds features that
simplify the design of isolated gate drive circuits for PWM
inverters. If a transformer-coupled power device gate drive
amplifier is used, the active PWM signal must be chopped at a
high frequency. The PWMGATE register allows the programming
of this high-frequency chopping mode. The chopped active
PWM signals may be required for the high side drivers only, for
the low side drivers only, or for both the high side and low side
switches. Therefore, independent control of this mode for both
high side and low side switches is included with two separate
control bits in the PWMGATE register.
Typical PWM output signals with high-frequency chopping
enabled on both high side and low side signals are shown in
Figure 10. Chopping of the high side PWM outputs (AH, BH
and CH) is enabled by setting Bit 8 of the PWMGATE register.
Chopping of the low side PWM outputs (AL, BL, and CL) is
enabled by setting Bit 9 of the PWMGATE register. The high
chopping frequency is controlled by the 8-bit word (GDCLK)
written to Bits 0 to 7 of the PWMGATE register. The period
and the frequency of this high-frequency carrier are:
T
GDCLK
t
CHOP
CK
=¥
()+
[]¥
41
f
f
GDCLK
CHOP
CLKOUT
=
¥+
()
[]
41
The GDCLK value may range from 0 to 255, corresponding to
a programmable chopping frequency rate from 19.5 kHz to 5 MHz
for a 20 MHz CLKOUT rate. The gate drive features must
be programmed before operation of the PWM controller and
typically are not changed during normal operation of the PWM
controller. Following a reset, by default, all bits of the
PWMGATE register are cleared so that high-frequency chop-
ping is disabled.
PWMTM
PWMTM
[4
(GDCLK+1)]
2
PWMDT
2
PWMDT
PWMCHA
PWMCHA
AH
AL
Figure 10. Typical PWM Signals with High-
Frequency Gate Chopping Enabled on Both
High Side and Low Side Switches. (GDCLK Is
the Integer Equivalent of the Value in Bits 0
to 7 of the PWMGATE Register.)
PWM Shutdown
In the event of external fault conditions, it is essential that the
PWM system be instantaneously shut down. Two methods of
sensing a fault condition are provided by the ADMCF341. For
the first method, a low level on the
PWMTRIP pin initiates an
instantaneous, asynchronous (independent of DSP clock) shut-
down of the PWM controller. This places all six PWM outputs
in the OFF state, disables the PWMSYNC pulse and associated
interrupt signal, and generates a
PWMTRIP interrupt signal.
The
PWMTRIP pin has an internal pull-down resistor so that
even if the pin becomes disconnected, the PWM outputs will be
disabled. The state of the
PWMTRIP pin can be read from Bit 0
of the SYSSTAT register.
The second method for detecting a fault condition is through
the ISENSE pins of the analog block of the ADMCF341. When
the voltage at any of the ISENSE pins exceeds the trip threshold
(high or low), or the ISENSE pin is in high impedance (floating),
PWMTRIP will be internally pulled low. The negative edge of
the internal
PWMTRIP will generate a shutdown in the same
manner as a negative edge on pin
PWMTRIP.
It is possible through software to initiate a PWM shutdown by
writing to the 1-bit read/write PWMSWT register (0x2061).
Writing to this bit generates a PWM shutdown in a manner
identical to the
PWMTRIP or I
SENSE pins. Following a PWM
shutdown, it is possible to determine if the shutdown was gener-
ated from hardware or software by reading the same PWMSWT
register. Reading this register also clears it.
Restarting the PWM after a fault condition is detected requires
clearing the fault and reinitializing the PWM. Clearing the fault
requires
PWMTRIP to return to a HIGH state and I
SENSE to
return to a voltage in the ISENSE trip level range. After the fault
has been cleared, the PWM can be restarted by writing to registers
PWMTM, PWMCHA, PWMCHB, and PWMCHC. After the
fault is cleared and the PWM registers are initialized, internal
timing of the three-phase timing unit will resume, and the new
duty cycle values will be latched on the next rising edge of
PWMSYNC.
PWM Registers
The configuration of the PWM registers is described at the end
of the data sheet. The parameters of the PWM block are tabu-
lated in Table V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com