Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMCF341 Datasheet(PDF) 33 Page - Analog Devices

Part # ADMCF341
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADMCF341 Datasheet HTML 28Page - Analog Devices ADMCF341 Datasheet HTML 29Page - Analog Devices ADMCF341 Datasheet HTML 30Page - Analog Devices ADMCF341 Datasheet HTML 31Page - Analog Devices ADMCF341 Datasheet HTML 32Page - Analog Devices ADMCF341 Datasheet HTML 33Page - Analog Devices ADMCF341 Datasheet HTML 34Page - Analog Devices ADMCF341 Datasheet HTML 35Page - Analog Devices ADMCF341 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
REV. 0
ADMCF341
–33–
ADC MUX
CONTROL
0 = BOOT MODE
1 = UART MODE
SPORT1 MODE
SELECT
0 = DISABLE
1 = ENABLE
PWMSYNC
INTERRUPT
0 = DISABLE
1 = ENABLE
PWMTRIP
INTERRUPT
0
0
0
0
0
0
00
0
0
0
SYSSTAT (R)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0 = LOW
1 = HIGH
DM (0x2016)
0 = NORMAL
1 = WATCHDOG RESET
OCCURRED
PWMTRIP
PIN STATUS
WATCHDOG
STATUS
PWM TIMER
STATUS
0 = 1ST HALF OF PWM
CYCLE
1 = 2ND HALF OF PWM
CYCLE
0
0
00
0
0
0
00
0
0
00
0
0
0
MODECTRL (R/W)
DM (0x2015)
0 = SINGLE UPDATE MODE
1 = DOUBLE UPDATE MODE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADC MUX CONTROL
00 VAUX0
01 VAUX1
10 VAUX2
11 VREF
0
0
00
0
0
0
00
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
00
IRQFLAG (R)
PWMTRIP INTERRUPT
PWMSYNC INTERRUPT
DM (0x2017)
0
0
0
0
0
0
00
0
0
00
0
0
00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WDTIMER (W)
DM (0x2018)
01
0 = NO INTERRUPT
1 = INTERRUPT
OCCURRED
PWM UPDATE
MODE SELECT
ADC
COUNTER
0 = CLKIN RATE
1 = CLKOUT RATE
AUX PWM
MODE SELECT
CHANNEL 1
SELECTION
0 = OFFSET MODE
1 = INDEPENDENT MODE
0 = ISENSE
1 = VOLTAGE
CHANNEL 2
SELECTION
0 = ISENSE
1 = VOLTAGE
CHANNEL 3
SELECTION
0 = ISENSE
1 = VOLTAGE
SPORT 0
MODE SELECT
0 = SPORT MODE
1 = UART MODE
SPORT 0
SPI MODE
0 = SPORT
1 = SPI MODE
SPI CLOCK
POLARITY
0 = STANDARD
1 = REVERSE
SPI CLOCK
PHASE
0 = PHA0
1 = PHA1
NOT USED IN ADMCF341
SET BIT TO ZERO
Figure 29. Configuration of Status/Control Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset.
Reserved bits are shown on a gray field—these bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com