Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1173 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1173
Description  Micropower DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1173 Datasheet(HTML) 1 Page - Analog Devices

  ADP1173 Datasheet HTML 1Page - Analog Devices ADP1173 Datasheet HTML 2Page - Analog Devices ADP1173 Datasheet HTML 3Page - Analog Devices ADP1173 Datasheet HTML 4Page - Analog Devices ADP1173 Datasheet HTML 5Page - Analog Devices ADP1173 Datasheet HTML 6Page - Analog Devices ADP1173 Datasheet HTML 7Page - Analog Devices ADP1173 Datasheet HTML 8Page - Analog Devices ADP1173 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP1173
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
Micropower
DC-DC Converter
FUNCTIONAL BLOCK DIAGRAMS
SET
VIN
GAIN BLOCK/
ERROR AMP
COMPARATOR
SW2
FB
GND
SW1
AO
ILIM
OSCILLATOR
DRIVER
A1
A2
1.245V
REFERENCE
ADP1173
SET
VIN
GAIN BLOCK/
ERROR AMP
COMPARATOR
SW2
SENSE
GND
SW1
AO
ILIM
OSCILLATOR
DRIVER
A1
A2
1.245V
REFERENCE
ADP1173-3.3
ADP1173-5
ADP1173-12
R2
753k
R1
ADP1173-3.3: R1 = 456k
ADP1173-5: R1 = 250k
ADP1173-12: R1 = 87.4k
FEATURES
Operates From 2.0 V to 30 V Input Voltages
Only 110
A Supply Current (Typical)
Step-Up or Step-Down Mode Operation
Very Few External Components Required
Low Battery Detector On-Chip
User-Adjustable Current Limit
Internal 1 A Power Switch
Fixed or Adjustable Output Voltage Versions
8-Pin DIP or SO-8 Package
APPLICATIONS
Notebook and Palmtop Computers
Cellular Telephones
Flash Memory Vpp Generators
3 V to 5 V, 5 V to 12 V Converters
9 V to 5 V, 12 V to 5 V Converters
Portable Instruments
LCD Bias Generators
GENERAL DESCRIPTION
The ADP1173 is part of a family of step-up/step-down switching
regulators that operates from an input supply voltage of as little as
2 V to 12 V in step-up mode and to 30 V in step-down mode.
The ADP1173 consumes as little as 110
µA in standby mode,
making it ideal for applications that need low quiescent current.
An auxiliary gain amplifier can serve as a low battery detector,
linear regulator (under voltage lockout) or error amplifier.
The ADP1173 can deliver 80 mA at 5 V from a 3 V input in
step-up configuration or 100 mA at 5 V from a 12 V input in
step-down configuration. For input voltages of less than 2 V use
the ADP1073.


Similar Part No. - ADP1173

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
Micropower DC-DC Converter
REV. 0
More results

Similar Description - ADP1173

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
Micropower Step-up DC/DC Converter
logo
Analog Microelectronics
AME5138 AME-AME5138 Datasheet
533Kb / 16P
Micropower Step-Up DC/DC Converter
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
Micropower Step-Up DC/DC Converter
logo
ams AG
AS1340 AMSCO-AS1340_1 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
Micropower DC-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com