Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1173 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1173
Description  Micropower DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1173 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1173 Datasheet HTML 8Page - Analog Devices ADP1173 Datasheet HTML 9Page - Analog Devices ADP1173 Datasheet HTML 10Page - Analog Devices ADP1173 Datasheet HTML 11Page - Analog Devices ADP1173 Datasheet HTML 12Page - Analog Devices ADP1173 Datasheet HTML 13Page - Analog Devices ADP1173 Datasheet HTML 14Page - Analog Devices ADP1173 Datasheet HTML 15Page - Analog Devices ADP1173 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP1173
–13–
REV. 0
L1*
500µH
MUR110
110k
Ω
+
100
Ω
220µF
10V
3.6M
Ω
1N4148
IRF530
390k
Ω
2N5400
+5V
100mA
10k
Ω
1N965B
10nF
+
47µF
100V
VN2222L
~
+
–
~
44mH
44mH
48V DC
*L1 = CTX110077
IQ = 120µA
12V
+
10µF
16V
15V
ILIM
VIN
SW1
ADP1173
FB
SW2
GND
4
5
1
2
3
8
Figure 29. Telecom Supply
ILIM
VIN SW1
ADP1173
FB
SW2
GND
4
5
1
2
3
8
7
SET
AO 6
+
L1*
100µH
1N5818
470µF
75k
+
56
Ω
*L1 = GOWANDA GA20-103K
COILTRONICS CTX100-4
VIN = 2.6V TO 7.2V
4 x NICAD
OR
ALKALINE
CELLS
240
Ω
470µF
470µF
+
470k
Ω
24k
Ω
SI9405DY
VOUT = 5V AT 100mA
AT VIN = 2.6V
Figure 30. 5 V to 5 V Step-Up or Step-Down Converter
+
L1*
20µH, 5A
470µF
*L1 = COILTRONICS CTX-20-5-52
†1% METAL FILM
2 x NICAD
5
Ω
47
Ω
47k
Ω
100k
Ω
100k
Ω
2.2M
Ω
100k
Ω
2N3906
220
Ω
100k
Ω†
301k
Ω†
2N4403
MJE200
1N5820
+5V OUTPUT
200mA
LOCKOUT AT
1.85V INPUT
100
Ω
ILIM
VIN
SW1
ADP1173
FB
SW2
GND
5
1
2
3
8
7
SET
AO
6
470µF
+
4
Figure 31. 2 V to 5 V at 200 mA Step-Up Converter with Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com