Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3170 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3170 Datasheet HTML 3Page - Analog Devices ADP3170 Datasheet HTML 4Page - Analog Devices ADP3170 Datasheet HTML 5Page - Analog Devices ADP3170 Datasheet HTML 6Page - Analog Devices ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices ADP3170 Datasheet HTML 10Page - Analog Devices ADP3170 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
ADP3170
–7–
THEORY OF OPERATION
The ADP3170 uses a current-mode, constant off-time control
technique to switch a pair of external N-channel MOSFETs in
a synchronous buck topology. Constant off-time operation
offers several performance advantages, including that no slope
compensation is required for stable operation. A unique feature
of the constant off-time control technique is that since the off-
time is fixed, the converter’s switching frequency is a function
of the ratio of input voltage to output voltage. The fixed off-
time is programmed by the value of an external capacitor
connected to the CT pin. The on-time varies in such a way
that a regulated output voltage is maintained as described
below in the cycle-by-cycle operation. Under fixed operating
conditions the on-time does not vary, and it varies only slightly
as a function of load. This means that switching frequency is
fairly constant in standard VRM applications.
Active Voltage Positioning
The output voltage is sensed at the CS– pin. A voltage error
amplifier, (gm), amplifies the difference between the output
voltage and a programmable reference voltage. The reference
voltage is programmed to between 1.05 V and 1.825 V by an
internal 5-bit DAC, which reads the code at the voltage identifi-
cation (VID) pins. (Refer to Table I for output voltage vs. VID
pin code information.) A unique supplemental regulation tech-
nique called Analog Devices Optimal Positioning Technology
(ADOPT) adjusts the output voltage as a function of the load
current so that it is always optimally positioned for a load
transient. Standard (passive) voltage positioning, sometimes
recommended for use with other architectures, has poor dynamic
performance that renders it ineffective under the stringent
repetitive transient conditions specified in Intel VRM documents.
Consequently, such techniques do not allow the minimum
possible number of output capacitors to be used. ADOPT, as
used in the ADP3170, provides a bandwidth for transient
response that is limited only by parasitic output inductance.
This yields optimal load transient response with the minimum
number of output capacitors.
Reference Output
A 3.0 V reference is available on the ADP3170. This reference
is normally used to accurately set the voltage positioning using a
resistor divider to the COMP pin. In addition, the reference can
be used for other functions such as generating a regulated volt-
age with an external amplifier. The reference is bypassed with a
1 nF capacitor to ground. It is not intended to drive larger
capacitive loads, and it should not be used to provide more than
300
µA of output current.
Cycle-by-Cycle Operation
During normal operation (when the output voltage is regu-
lated), the voltage error amplifier and the current comparator
are the main control elements. During the on-time of the high
side MOSFET, the current comparator monitors the voltage
between the CS+ and CS– pins. When the voltage level between
the two pins reaches the threshold level, the DRVH output is
switched to ground, which turns off the high side MOSFET.
The timing capacitor CT is then charged at a rate determined
by the off-time controller. While the timing capacitor is charging,
the DRVL output goes high, turning on the low side MOSFET.
When the voltage level on the timing capacitor has charged to
the upper threshold voltage level, a comparator resets a latch.
The output of the latch forces the low side drive output to go low
and the high side drive output to go high. As a result, the low side
switch is turned off and the high side switch is turned on. The
sequence is then repeated. As the load current increases, the output
voltage starts to decrease. This causes an increase in the output of
the voltage-error amplifier, which, in turn, leads to an increase in
the current comparator threshold, thus tracking the load current.
To prevent cross conduction of the external MOSFETs, feed-
back is incorporated to sense the state of the driver output pins.
Before the low side drive output can go high, the high side drive
output must be low. Likewise, the high side drive output is unable
to go high while the low side drive output is high.
Output Crowbar
An added feature of using an N-channel MOSFET as the syn-
chronous switch is the ability to crowbar the output with the
same MOSFET. If the output voltage is 20% greater than the
targeted value, the ADP3170 will turn on the lower MOSFET,
which will current-limit the source power supply or blow its fuse,
pull down the output voltage, and thus save the microprocessor
from destruction. The crowbar function releases at approxi-
mately 50% of the nominal output voltage. For example, if the
output is programmed to 1.5 V, but is pulled up to 1.85 V or
above, the crowbar will turn on the lower MOSFET. If in this
case the output is pulled down to less than 0.75 V, the crowbar
will release, allowing the output voltage to recover to 1.5 V if
the fault condition has been removed.
Onboard Linear Regulator Controller
The ADP3170 includes a linear regulator controller to provide a
low cost solution for generating an additional supply rail. This
regulator is internally set to 1.8 V with
±2.8% accuracy. The
output voltage is sensed by the high input impedance LRFB
pin and compared to an internal fixed reference. The LRDRV
pin controls the gate of an external N-channel MOSFET
resulting in a negative feedback loop. The only additional
components required are a capacitor and resistor for stability.
Higher output voltages can be generated by placing a resistor
divider between the linear regulator output and its LRFB pin.
The maximum output load current is determined by the size
and thermal impedance of the external power MOSFET that
is placed in series with the supply and controlled by the ADP3170.
APPLICATION INFORMATION
Specifications for a Design Example
The design parameters for a typical VRM 8.5-compliant
Pentium III application (shown in Figure 3) are as follows:
Input voltage: (VIN) = 5 V
Auxiliary input: (VCC) = 12 V
VID setting voltage: (VOUT) = 1.8 V
Nominal output voltage at no load (VONL) = 1.845 V
Nominal output voltage at maximum load (VOFL) = 1.771 V
Static output voltage drop based on a 3.2 mW load line
(ROUT) from no load to full load (V∆) = VONL – VOFL =
1.845 V – 1.771 V = 74 mV
Maximum output current (IO[MAX]) = 23 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com