Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3170 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3170
Description  VRM 8.5 Compatible Single Phase Core Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3170 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3170 Datasheet HTML 4Page - Analog Devices ADP3170 Datasheet HTML 5Page - Analog Devices ADP3170 Datasheet HTML 6Page - Analog Devices ADP3170 Datasheet HTML 7Page - Analog Devices ADP3170 Datasheet HTML 8Page - Analog Devices ADP3170 Datasheet HTML 9Page - Analog Devices ADP3170 Datasheet HTML 10Page - Analog Devices ADP3170 Datasheet HTML 11Page - Analog Devices ADP3170 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
ADP3170
–8–
CT Selection for Operating Frequency
The ADP3170 uses a constant off-time architecture with tOFF
determined by an external timing capacitor CT. Each time the
high-side N-channel MOSFET switch turns on, the voltage
across CT is reset to approximately 0 V. During the off-time,
CT is charged by a constant current of 150
µA. Once CT reaches
3.0 V, a new on-time cycle is initiated. The value of the off-time is
calculated using the continuous-mode operating frequency.
Assuming a nominal operating frequency (fNOM) of 200 kHz
at an output voltage of 1.8 V, the corresponding off-time is:
t
V
Vf
V
VkHz
s
OFF
OUT
IN
NOM
=


×=


×=
1
1
1
18
5
1
200
32
–
–
.
.
µ
(1)
The timing capacitor cab be calculated from the equation:
C
tI
V
sA
V
pF
T
OFF
CT
TTH
=
×
=
×
≈
()
.
3 2
150
3
150
µµ
(2)
The converter operates at the nominal operating frequency only
at the above-specified VOUT and at light load. At higher values of
VOUT, or under heavy load, the operating frequency decreases
due to the parasitic voltage drops across the power devices. The
actual minimum frequency at VOUT = 1.8 V is calculated to be
183 kHz (see Equation 3), where:
RDS(ON)HSF is the resistance of the high-side MOSFET
(estimated value: 6 m
Ω)
RDS(ON)LSF is the resistance of the low-side MOSFET
(estimated value: 6 m
Ω)
RSENSE is the resistance of the sense resistor
(estimated value: 2.5 m
Ω)
RL is the resistance of the inductor
(estimated value: 3 m
Ω)
Table I. Output Voltage vs. VID Code
VID3
VID2
VID1
VID0
VID25
VOUT(NOM)
0
1
0
0
0
1.050 V
0
1
0
0
1
1.075 V
0
0
1
1
0
1.100 V
0
0
1
1
1
1.125 V
0
0
1
0
0
1.150 V
0
0
1
0
1
1.175 V
0
0
0
1
0
1.200 V
0
0
0
1
1
1.225 V
0
0
0
0
0
1.250 V
0
0
0
0
1
1.275 V
1
1
1
1
0
1.300 V
1
1
1
1
1
1.325 V
1
1
1
0
0
1.350 V
1
1
1
0
1
1.375 V
1
1
0
1
0
1.400 V
1
1
0
1
1
1.425 V
1
1
0
0
0
1.450 V
1
1
0
0
1
1.475 V
1
0
1
1
0
1.500 V
1
0
1
1
1
1.525 V
1
0
1
0
0
1.550 V
1
0
1
0
1
1.575 V
1
0
0
1
0
1.600 V
1
0
0
1
1
1.625 V
1
0
0
0
0
1.650 V
1
0
0
0
1
1.675 V
0
1
1
1
0
1.700 V
0
1
1
1
1
1.725 V
0
1
1
0
0
1.750 V
0
1
1
0
1
1.775 V
0
1
0
1
0
1.800 V
0
1
0
1
1
1.825 V
f
t
VI
R
R
R
V
VI
R
R
R
R
s
VA
m
m
V
V
A
m
mmm
MIN
OFF
IN
O MAX
DS ON HSF
SENSE
L
OUT
IN
O MAX
DS ON HSF
SENSE
L
DS ON LSF
=×
×+
+
()
×+
+
()
=
×
×+
×+
+
1
1
33
523
6
3
1 8
523
6
2 5
3
6
––
––
.
–(
) – .
–(
.
–
()
(
)
(
)
()
()
µ
ΩΩ
Ω
ΩΩΩ))
= 183 kHz
(3)
Inductance Selection
The choice of inductance determines the ripple current in the
inductor. Less inductance leads to more ripple current, which
increases the output ripple voltage and the conduction losses in
the MOSFETs, but allows using smaller-size inductors and, for
a specified peak-to-peak transient deviation, output capacitors
with less total capacitance. Conversely, a higher inductance
means lower ripple current and reduced conduction losses, but
requires larger-size inductors and more output capacitance for
the same peak-to-peak transient deviation. The following equa-
tion shows the relationship between the inductance, oscillator
frequency, peak-to-peak ripple current in an inductor and input
and output voltages:
For 6 A peak-to-peak ripple current, which corresponds to
approximately 25% of the 23 A full-load dc current in an inductor,
Equation 4 yields an inductance of:
L
Vs
A
nH
=
×
=
18
33
6
990
..
µ
A 1
µH inductor can be used, which gives a calculated ripple
current of 5.9 A at no load. The inductor should not saturate at
the peak current of 26 A and should be able to handle the sum
of the power dissipation caused by the average current of 23 A
in the winding and the core loss.
L
Vt
I
OUT
OFF
L RIPPLE
=
×
()
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com