Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3510 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices ADP3510 Datasheet HTML 10Page - Analog Devices ADP3510 Datasheet HTML 11Page - Analog Devices ADP3510 Datasheet HTML 12Page - Analog Devices ADP3510 Datasheet HTML 13Page - Analog Devices ADP3510 Datasheet HTML 14Page - Analog Devices ADP3510 Datasheet HTML 15Page - Analog Devices ADP3510 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
ADP3510
–12–
Power On Delay
The power-on delay block in the ADP3510 controls the turn-on
sequence of VCORE, VIO, and VAN. Asserting a power-on in one
of the four above methods will start the LDOs in the following
sequence:
1. The VMEM LDO will start up.
2. The VIO and VAN outputs will be discharged by the power-
on delay block. The discharge delay time is set by the value
of the PDCAP.
3. After the discharge time has expired, the VCORE LDO is
allowed to start up.
4. When the output of VCORE exceeds 1.2 V, the VIO and
VAN LDOs are allowed to start up.
The power-on delay is set by an external capacitor on PDCAP:
t
ms
nF
C
PD
PDCAP
08
.
(1)
See Figure 5 for the power-up timing sequence.
3.0V
3.0V
1.8V
1.2V
INTERNAL
POWER ON*
POWER-ON
DELAY
V10, VAN < VCORE
UNTIL VCORE > 1.2V
*
PWRONIN or CHRDET
or ALARM or PWRONKEY
V10, VAN
VCORE
VMEM
Figure 5. Power-Up Timing Diagram
Deep Discharge Lockout (DDLO)
The DDLO block in the ADP3510 will shut down the handset in
the event the software fails to turn off the phone when the battery
drops below 2.9 V to 3.0 V. The DDLO will shut down the
handset when the battery falls below 2.4 V to prevent further
discharge and damage to the cell.
Undervoltage Lockout (UVLO)
The UVLO function in the ADP3510 prevents startup when the
initial voltage of the battery is below the 3.2 V threshold. If the
battery voltage is this low with no load, there is insufficient
capacity left to run the handset. When the battery is greater than
3.2 V, such as inserting a fresh battery, the UVLO comparator trips
and the threshold is reduced to 3.0 V. This allows the handset to
start normally until the battery decays to below 3.0 V. Note that
the DDLO has enabled the RTC LDO under this condition.
Once the system is started and the core, memory, analog, and
IO LDOs are up and running, the UVLO function is entirely disabled.
The ADP3510 is then allowed to run until the battery voltage
reaches the DDLO threshold, typically 2.4 V. Normally, the
battery voltage is monitored by the baseband processor and
usually shuts the phone off at around 3.0 V.
If the handset is off and the battery voltage drops below 3.0 V,
the UVLO circuit disables startup and puts the ADP3510 into
UVLO shutdown mode. In this mode, the ADP3510 draws very
low quiescent current, typically 30
mA. The RTC LDO is still
running until the DDLO disables it. In this mode, the
ADP3510 draws 5
mA of quiescent current. NiMH batteries can
reverse polarity if the 3-cell battery voltage drops below 3.0 V,
which will degrade the battery’s performance. Lithium Ion bat-
teries will lose their capacity if over discharged repeatedly so
minimizing the quiescent currents helps prevent battery damage.
RESET
The ADP3510 contains a reset circuit that is active both at power-up
and power-down. The RESET pin is held low at initial power-
up. An internal power good signal is generated by the IO LDO
when its output is in regulation which starts the reset delay timer.
The delay is set by an external capacitor on RESCAP:
t
ms
nF
C
RESET
RESCAP
15
.
(2)
Should the IO or MEM LDO drop out of regulation, the
RESET signal will go low and remain low until the IO and
MEM LDO outputs are back in regulation and the RESET
timer has timed out. At power-off, RESET will be kept low to
prevent any baseband processor starts.
Over-Temperature Protection
In case of a failure that causes excess power dissipation to the IC,
the thermal shutdown function will be activated. The maximum
die temperature for the ADP3510 is 125 C. If the die temperature
exceeds 160 C, the ADP3510 will disable all the LDOs except
the RTC LDO. The LDOs will not be re-enabled before the die
temperature is below 125 C, regardless of the state of PWRONKEY,
PWRONIN, ALARM, and CHRDET. This ensures that the
handset will always power-off before the ADP3510 exceeds its
absolute maximum thermal ratings.
Battery Charging
The ADP3510 battery charger can be used with lithium ion
(Li+) and nickel metal hydride (NiMH) batteries. The charger
initialization, trickle charging, and Li+ charging are imple-
mented in hardware. Battery type determination and NiMH
charging must be implemented in software.
The charger block works in three different modes:
∑ Low Current (Trickle) Charging
∑ Lithium Ion Charging
∑ Nickel Metal Hydride Charging
See Figure 6 for the battery charger flowchart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com