Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7581BATR Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7581BATR
Description  Line Card Access Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7581BATR Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7581BATR Datasheet HTML 1Page - IXYS Corporation CPC7581BATR Datasheet HTML 2Page - IXYS Corporation CPC7581BATR Datasheet HTML 3Page - IXYS Corporation CPC7581BATR Datasheet HTML 4Page - IXYS Corporation CPC7581BATR Datasheet HTML 5Page - IXYS Corporation CPC7581BATR Datasheet HTML 6Page - IXYS Corporation CPC7581BATR Datasheet HTML 7Page - IXYS Corporation CPC7581BATR Datasheet HTML 8Page - IXYS Corporation CPC7581BATR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7581-R06
www.ixysic.com
1
Not for New Designs
Features
• Low, Matched R
ON
• Eliminates the Need for Zero-Cross Switching
• 5V Operation With Power Consumption < 10 mW
• Flexible Switch Timing for Transition from Ringing
Mode to Idle/Talk Mode
• Clean, Bounce-Free Switching
• Tertiary Protection Consisting of Integrated Current
Limiting, Thermal Shutdown for SLIC Protection
• Intelligent Battery Monitor
• Latched Logic-Level Inputs, No External Drive
Circuitry Required
• SOIC Package Pin-Compatible With Legerity
Product
• Small 16-pin SOIC Package
• Monolithic IC reliability
Applications
• Central Office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7581 is a monolithic solid-state four-pole
switch in a 16-pin package. It provides the necessary
functions to replace a 2-Form-C electromechanical
relay on traditional analog and integrated voice and
data (IVD) line cards found in central office, access, and
PBX equipment. The CPC7581 contains solid-state
switches for tip and ring lead line break and ringing
injection/ringing return. The device requires only a +5 V
supply, and offers break-before-make and
make-before-break operation using logic-level inputs.
The CPC7581BA versions include an SCR that
provides protection to the SLIC and subsequent
circuitry during a fault condition.
Ordering Information
Figure 1. CPC7581 Block Diagram
Part #
Description
CPC7581BA
16-Pin SOIC, with Protection SCR, 50/Tube
CPC7581BATR
16-Pin SOIC, with Protection SCR, 1000/Reel
CPC7581BB
16-Pin SOIC, without Protection SCR, 50/Tube
CPC7581BBTR
16-Pin SOIC, without Protection SCR, 1000/Reel
CPC7581
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
RINGING
T
SD
LATCH
3
6
14
2
7
8
9
16
1
12
15
10
11
L
A
T
C
H
Switch
Control
Logic
SCR and
Trip Circuit
CPC7581BA)
Secondary
Protection
+5 Vdc
Tip
Ring
SLIC
X
X
X
X
SW2
SW4
V
BAT
RINGING
300
(min.)
Ω
T
RING
SW3
SW1
e3
Pb
CPC7581
Line Card Access Switch


Similar Part No. - CPC7581BATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581BATR CLARE-CPC7581BATR Datasheet
532Kb / 17P
Line Card Access Switch
logo
IXYS Corporation
CPC7581BATR IXYS-CPC7581BATR Datasheet
218Kb / 15P
Clean, Bounce-Free Switching
More results

Similar Description - CPC7581BATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com