Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7581BATR Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC7581BATR
Description  Line Card Access Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7581BATR Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC7581BATR Datasheet HTML 5Page - IXYS Corporation CPC7581BATR Datasheet HTML 6Page - IXYS Corporation CPC7581BATR Datasheet HTML 7Page - IXYS Corporation CPC7581BATR Datasheet HTML 8Page - IXYS Corporation CPC7581BATR Datasheet HTML 9Page - IXYS Corporation CPC7581BATR Datasheet HTML 10Page - IXYS Corporation CPC7581BATR Datasheet HTML 11Page - IXYS Corporation CPC7581BATR Datasheet HTML 12Page - IXYS Corporation CPC7581BATR Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7581
R06
www.ixysic.com
9
1.8 Protection Circuitry Electrical Specifications
1.9 Truth Table
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Parameters Related to the Diodes in the Diode Bridge
Voltage drop at
continuous current (50/
60 Hz)
Apply ± dc current limit of break
switches
Forward
Voltage
-2.1
3
V
Voltage drop at surge
current
Apply ± dynamic current limit of break
switches
Forward
Voltage
-5-
Parameters Related to the Protection SCR
Surge current
-
-
-
-
*
A
Trigger current
T=+25°C
ITRIG
-
60
(CPC7581xA)
70
(CPC7581xC)
-mA
T=+85°C
35
(CPC7581xA)
40
(CPC7581xC)
Hold current
T=+25°C
IHOLD
110
(CPC7581xA)
135
(CPC7581xC)
T=+85°C
60
(CPC7581xA)
110
(CPC7581xC)
70
(CPC7581xA)
115
(CPC7581xC)
Gate trigger voltage
IGATE = ITRIGGER**
VTBAT or
VRBAT
VBAT -4
-
VBAT -2
V
Reverse leakage current VBAT = -48 V
IVBAT
--
1.0
A
On-state voltage
0.5 A, t = 0.5
sV
TBAT or
VRBAT-
--3-
V
2.0 A, t = 0.5
s-
-5
-
V
*Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.
**VBAT must be capable of sourcing ITRIGGER for the internal SCR to activate.
State
INRINGING
Latch
TSD
Break
Switches
Ringing Switches
Talk
0
0
Z1
On
Off
Ringing
1
Off
On
Latched
X
1
Unchanged
All-Off
X
X
0
Off
Off
1 Z = High Impedance. Because T
SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com