Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR293GBC Datasheet(PDF) 2 Page - Analog Devices

Part # ADR293GBC
Description  Low Noise Micropower Precision Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GBC Datasheet(HTML) 2 Page - Analog Devices

  ADR293GBC Datasheet HTML 1Page - Analog Devices ADR293GBC Datasheet HTML 2Page - Analog Devices ADR293GBC Datasheet HTML 3Page - Analog Devices ADR293GBC Datasheet HTML 4Page - Analog Devices ADR293GBC Datasheet HTML 5Page - Analog Devices ADR293GBC Datasheet HTML 6Page - Analog Devices ADR293GBC Datasheet HTML 7Page - Analog Devices ADR293GBC Datasheet HTML 8Page - Analog Devices ADR293GBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ADR293–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INITIAL ACCURACY
“E” Grade
VO
IOUT = 0 mA
4.997
5.000 5.003
V
“F” Grade
4.994
5.006
V
“G” Grade
4.990
5.010
V
LINE REGULATION
“E/F” Grades
∆V
O/
∆V
IN
6.0 V to 15 V, IOUT = 0 mA
30
100
ppm/V
“G” Grade
40
150
ppm/V
LOAD REGULATION
“E/F” Grades
∆V
O/
∆I
LOAD
VS = 6.0 V, 0 mA to 5 mA
30
100
ppm/mA
“G” Grade
40
150
ppm/mA
LONG TERM STABILITY
∆V
O
1000 hrs @ +25
°C, V
S = +15 V
0.2
ppm
NOISE VOLTAGE
eN
0.1 Hz to 10 Hz
15
µV p-p
WIDEBAND NOISE DENSITY
eN
at 1 kHz
640
nV/
√Hz
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TEMPERATURE COEFFICIENT
“E” Grade
TCVO/°CIOUT = 0 mA
3
8
ppm/
°C
“F” Grade
5
15
ppm/
°C
“G” Grade
10
25
ppm/
°C
LINE REGULATION
“E/F” Grades
∆V
O/
∆V
IN
6.0 V to 15 V, IOUT = 0 mA
35
150
ppm/V
“G” Grade
50
200
ppm/V
LOAD REGULATION
“E/F” Grades
∆V
O/
∆I
LOAD
VS = 6.0 V, 0 mA to 5 mA
20
150
ppm/mA
“G” Grade
30
200
ppm/mA
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TEMPERATURE COEFFICIENT
“E” Grade
TCVO/
°CI
OUT = 0 mA
3
10
ppm/
°C
“F” Grade
5
20
ppm/
°C
“G” Grade
10
30
ppm/
°C
LINE REGULATION
“E/F” Grades
∆V
O/
∆V
IN
6.0 V to 15 V, IOUT = 0 mA
40
200
ppm/V
“G” Grade
70
250
ppm/V
LOAD REGULATION
“E/F” Grades
∆V
O/
∆I
LOAD
VS = 6.0 V, 0 mA to 5 mA
20
200
ppm/mA
“G” Grade
30
300
ppm/mA
SUPPLY CURRENT
@ +25
°C11
15
µA
15
20
µA
THERMAL HYSTERESIS
TO-92
160
ppm
SO-8
72
ppm
TSSOP-8
157
ppm
Specifications subject to change without notice.
(VS =
6.0 V, TA =
25 C unless otherwise noted)
(VS =
6.0 V, TA =
40 C
≤ T
A
≤ 125 C unless otherwise noted)
(VS =
6.0 V, TA =
25 C
≤ T
A
≤ 85 C unless otherwise noted)
REV. 0
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com