Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR293GBC Datasheet(PDF) 3 Page - Analog Devices

Part # ADR293GBC
Description  Low Noise Micropower Precision Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GBC Datasheet(HTML) 3 Page - Analog Devices

  ADR293GBC Datasheet HTML 1Page - Analog Devices ADR293GBC Datasheet HTML 2Page - Analog Devices ADR293GBC Datasheet HTML 3Page - Analog Devices ADR293GBC Datasheet HTML 4Page - Analog Devices ADR293GBC Datasheet HTML 5Page - Analog Devices ADR293GBC Datasheet HTML 6Page - Analog Devices ADR293GBC Datasheet HTML 7Page - Analog Devices ADR293GBC Datasheet HTML 8Page - Analog Devices ADR293GBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ADR293
REV. 0
–3–
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Limits
Units
INITIAL ACCURACY
VO
IOUT = 0 mA
4.990/5.010
V
LINE REGULATION
∆V
O/
∆V
IN
6.0 V < VIN < 15 V, IOUT = 0 mA
150
ppm/V
LOAD REGULATION
∆V
O/
∆I
LOAD
0 mA to 5 mA
150
ppm/mA
SUPPLY CURRENT
No load
15
µA
NOTES
Electrical tests are performed as wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
Specifications subject to change without notice.
DICE CHARACTERISTICS
Die Size 0.074
0.052 inch, 3848 sq. mils
(1.88
1.32 mm, 2.48 sq. mm)
Transistor Count: 52
(VS =
6.0 V, TA =
25 C unless otherwise noted)
VIN
4
3
2
1
V
OUT(SENSE)
V
OUT(FORCE)
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com