Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2184 Datasheet(PDF) 26 Page - Analog Devices

Part # 2184
Description  DSP Microcomputer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

2184 Datasheet(HTML) 26 Page - Analog Devices

Back Button 2184 Datasheet HTML 22Page - Analog Devices 2184 Datasheet HTML 23Page - Analog Devices 2184 Datasheet HTML 24Page - Analog Devices 2184 Datasheet HTML 25Page - Analog Devices 2184 Datasheet HTML 26Page - Analog Devices 2184 Datasheet HTML 27Page - Analog Devices 2184 Datasheet HTML 28Page - Analog Devices 2184 Datasheet HTML 29Page - Analog Devices 2184 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
ADSP-2184
–26–
REV. 0
OUTPUT DRIVE CURRENTS
Figure 20 shows typical I-V characteristics for the output drivers
of the ADSP-2184. The curves represent the current drive
capability of the output drivers as a function of output voltage.
SOURCE VOLTAGE – V
0
60
10
20
30
40
50
60
0
–20
–40
–60
40
20
VDD = 5.0V @ +25 C
VDD = 5.5V @ –40 C
VDD = 4.5V @ +85 C
VDD = 5.0V @ +25 C
VDD = 4.5V @ +85 C
VDD = 5.5V @ –40 C
VOL
VOH
Figure 20. Typical Drive Currents
POWER DISSIPATION
To determine total power dissipation in a specific application,
the following equation should be applied for each output:
C
× V
DD
2
× f
C = load capacitance, f = output switching frequency.
Example
In an application where external data memory is used and no
other outputs are active, power dissipation is calculated as follows:
Assumptions
• External data memory is accessed every cycle with 50% of the
address pins switching.
• External data memory writes occur every other cycle with
50% of the data pins switching.
• Each address and data pin has a 10 pF total load at the pin.
• The application operates at VDD = 5.0 V and tCK = 25 ns.
Total Power Dissipation = PINT + (C
× V
DD
2
× f)
PINT = internal power dissipation from Power vs. Frequency
graph (Figure 21).
(C
× V
DD
2
× f) is calculated for each output:
# of
Pins
C
VDD
2
f
Address,
DMS
8
× 10 pF × 52 V
× 40 MHz = 80 mW
Data Output,
WR 9
× 10 pF × 52 V
× 20 MHz = 45 mW
RD
1
× 10 pF × 52 V
× 20 MHz = 5 mW
CLKOUT
1
× 10 pF × 52 V
× 40 MHz = 10 mW
140 mW
Total power dissipation for this example is PINT + 40 mW.
VALID FOR ALL TEMPERATURE GRADES.
1POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS.
2I
DD MEASUREMENT TAKEN WITH ALL INSTRUCTIONS EXECUTING FROM INTERNAL
MEMORY. 50% OF THE INSTRUCTIONS ARE MULTIFUNCTION (TYPES 1, 4, 5, 12, 13, 14)
30% ARE TYPE 2 AND TYPE 6, AND 20% ARE IDLE INSTRUCTIONS.
3IDLE REFERS TO ADSP-2184 STATE OF OPERATION DURING EXECUTION OF IDLE
INSTRUCTION. DEASSERTED PINS ARE DRIVEN TO EITHER VDD OR GND.
4TYPICAL POWER DISSIPATION AT 5.0V V
DD AND TA = 25 C EXCEPT WHERE SPECIFIED.
65
25
40
35
30
60
55
45
50
62.1mW
34.7mW
32.8mW
34.3mW
36.6mW
70.55mW
IDLE (16)
IDLE (128)
IDLE
POWER, IDLE
n MODES2
70
75
40
95
70
65
60
55
90
85
75
80
50
82.28mW
91.52mW
VDD = 5.5V
62.1mW
70.55mW
VDD = 5.0V
44.73mW
51.705mW
VDD = 4.5V
POWER, IDLE1, 2, 4
1/tCYC – MHz
33.33
40
175
400
275
250
225
200
375
350
300
325
330mW
250mW
180mW
300mW
225mW
2184 POWER, INTERNAL1, 2, 3
385mW
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
45
1/tCYC – MHz
33.33
40
1/tCYC – MHz
33.33
40
150
Figure 21. Power vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com