Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT70 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT70
Description  PRTD Conditioning Circuit and Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT70 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT70 Datasheet HTML 2Page - Analog Devices ADT70 Datasheet HTML 3Page - Analog Devices ADT70 Datasheet HTML 4Page - Analog Devices ADT70 Datasheet HTML 5Page - Analog Devices ADT70 Datasheet HTML 6Page - Analog Devices ADT70 Datasheet HTML 7Page - Analog Devices ADT70 Datasheet HTML 8Page - Analog Devices ADT70 Datasheet HTML 9Page - Analog Devices ADT70 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADT70
REV. 0
–6–
LOAD CURRENT –
A
1
110
10
100
1000
100
1k
10k
VCC = 5V
VEE = 0
TA = +25 C
VCC,
SOURCING
CURRENT
VEE,
SINKING
CURRENT
Figure 13. Op Amp Output Voltage from Rails vs.
Load Current
LOAD CURRENT – mA
2.48
09
1
2345678
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
VS = +5V, DUT SOURCING
Figure 14. Reference Voltage vs. Load Current
SUPPLY VOLTAGE – Volts
4
3
4.5
3.2
4.75
5.0
5.25
5.5
TA = +25 C
VCM INAMP = 1V
VEE = GND
3.4
3.6
3.8
Figure 15. Supply Current vs. Supply Voltage
SUPPLY VOLTAGE – Volts
910
4.75
920
930
940
950
4.5
5.0
5.25
5.5
VCC = 5V
VEE = 0V
VREF = 2.5V
+125 C
+25 C
55 C
Figure 16. Output of Current Source vs. Supply Voltage
FREQUENCY – Hz
0
10
100
1k
10k
100k
1M
20
40
60
80
100
120
140
AV = 14
AV = 1.4
Figure 17. In Amp CMRR vs. Frequency
FREQUENCY – Hz
100
80
1k
10k
100k
1M
10M
60
40
20
0
20
40
60
80
100
120
135
90
45
0
45
90
135
180
180
225
270
Figure 18. Op Amp Open Loop Gain and Phase vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com