Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT70 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT70
Description  PRTD Conditioning Circuit and Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT70 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT70 Datasheet HTML 6Page - Analog Devices ADT70 Datasheet HTML 7Page - Analog Devices ADT70 Datasheet HTML 8Page - Analog Devices ADT70 Datasheet HTML 9Page - Analog Devices ADT70 Datasheet HTML 10Page - Analog Devices ADT70 Datasheet HTML 11Page - Analog Devices ADT70 Datasheet HTML 12Page - Analog Devices ADT70 Datasheet HTML 13Page - Analog Devices ADT70 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADT70
REV. 0
–10–
If PRTD has a tempco resistance of 0.00385
Ω/Ω/°C or sensi-
tivity of 3.85
Ω/°C, the system output voltage scaling factor will
be 5 mV/
°C.
The gain of the instrumentation amplifier is normally at 1.30,
with a 49.9 k
Ω gain resistor. It can be changed by changing the
gain resistor using the following equation.
Instrumentation Amp Gain
k
R
GAIN RESISTOR
.
.
=
Ω


130
49 9
In Figure 2 the ADT70 is powered by a dual power supply. In
order for the part to measure below 0
°C, using a 1 kΩ PRTD,
–VS has to be at least –1 V. –VS can be grounded when the mea-
sured temperature is greater than 0
°C using a 1 kΩ PRTD. GND
Sense (Pin 13), DGND (Pin 15), and AGND (Pin 2) are all con-
nected to ground. If desired, GND Sense could be connected to
whatever potential desired for an output offset of the instrumen-
tation amplifier. However, AGND and DGND must always be
connected to GND.
ADT70 will turn off if the
SHUTDOWN pin(GND) is low,
and will turn on when
SHUTDOWN pin becomes high (+VS).
If
SHUTDOWN is not used in the design, it should be con-
nected to +VS.
The undedicated op amp in the ADT70 can be used to transmit
measured signal to a remote location where noise might be intro-
duced into the signal as it travels in a noisy environment. It can
also be used as a general purpose amplifier in any application de-
sired. The op amp gain is set using standard feedback resistor
configurations.
Higher precision of matching the current sources can be
achieved by using a 50 k
Ω potentiometer connected between
NULLA (Pin 5) and NULLB (Pin 6) with the center-tap of the
potentiometer connected to +VS (Pin 20). In Figure 27, the
ADT70’s Bias Pin (Pin 4) is generally connected to the
VREFOUT (Pin 3), but it can be connected to an external voltage
reference if different output current is preferred.
Eliminating Lead-Wire Resistance by Using 4-Wire
Configuration
In applications where the lead-wire resistance can significantly
contribute error to the measured temperature, implementing a
4-wire lead-resistance canceling circuit can dramatically mini-
mize the lead-wire resistance effect.
In Figure 28, IOUTA and IOUTB provides matching excitation to
the reference resistor and the PRTD respectively. The lead-re-
sistance from the current source to the PRTD or reference resis-
tor is not of concern because the instrumentation amplifier is
measuring the difference in potential directly on the PRTD
(Node A) and reference resistor (Node C). Since there is almost
no current going from Node A and Node C into the amplifier’s
input, there is no lead-wire resistance error.
A potential source of temperature measurement errors is the
possibility of voltage differences between the ground side of the
reference resistor and the PRTD. Differences in lead-wire resis-
tance from ground to these two points, coupled with the 1 mA
excitation current, will lead directly to differential voltage errors
at the input of the instrumentation amplifier of the ADT70. By
connecting the ground side of the PRTD (Node B of Figure 28)
to the noninverting input of the op amp and connecting the
ground side of the reference resistor (Node D) to both the in-
verting input and the output of the op amp, the two points can
be forced to the same potential. It is not important that this po-
tential is exactly at ground since the instrumentation amplifier
rejects common-mode signals at the input. Note that all three
connections should be made as close as possible to the body of
the reference resistor and the PRTD to minimize error.
Single Supply Operation
When using the ADT70 in single supply applications a few
simple but important points need to be considered. The most
important issue is ensuring that the ADT70 is properly biased.
To bias the ADT70, first consider the 1 k
Ω PRTD sensor. The
PRTD typically changes from 230
Ω at –200°C to 4080 Ω at
800
°C ± 1 Ω error. This impedance range results in an ADT70
output of –1 V to +4 V respectively, which is impossible to
RGA
RGB
+INIA
INIA
INST
AMP
SHUT-
DOWN
GND
SENSE
OUTIA
DGND
VS
SHUTDOWN
+INOA
INOA
OUTOA
+VS
2.5V
REF
IOUTA
IOUTB
MATCHED
CURRENT
SOURCES
NULLA
NULLB
BIAS
2.5VREFOUT
ADT70
50k
1k
PRTD
NODE D
1k
REF
RESISTOR
NODE C
NODE B
NODE A
5V
AGND
5V
Figure 28. 4-Wire Lead-Wire Resistance Cancellation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com