Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV601 Datasheet(PDF) 52 Page - Analog Devices

Part # ADV601
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADV601 Datasheet HTML 44Page - Analog Devices ADV601 Datasheet HTML 45Page - Analog Devices ADV601 Datasheet HTML 46Page - Analog Devices ADV601 Datasheet HTML 47Page - Analog Devices ADV601 Datasheet HTML 48Page - Analog Devices ADV601 Datasheet HTML 49Page - Analog Devices ADV601 Datasheet HTML 50Page - Analog Devices ADV601 Datasheet HTML 51Page - Analog Devices ADV601 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
ADV601
–52–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
160-Lead PQFP
(S-160)
TOP VIEW
(PINS DOWN)
PIN 1
121
160
1
120
41
40
80
81
1.238 (31.45)
1.228 (31.20) TYP SQ
1.219 (30.95)
0.028 (0.72)
0.026 (0.65) TYP LEAD
0.023 (0.58)
PITCH
1.106 (28.10)
1.102 (28.00) TYP SQ
1.098 (27.90)
1.008 (25.60)
0.998 (25.35) TYP SQ
0.988 (25.10)
0.015 (0.38)
0.012 (0.30) TYP LEAD
0.009 (0.22)
WIDTH
0.160 (4.07)
MAX
0.041 (1.03)
0.035 (0.88) TYP
0.029 (0.73)
SEATING
PLANE
0.004 (0.10)
MAX
0.010 (0.25)
MIN
0.145 (3.67)
0.135 (3.42) TYP
0.125 (3.17)
ORDERING GUIDE
Part Number
Ambient Temperature Range
1
Package Description
Package Option
2
ADV601JS
0
°C to +70°C
160-Lead PQFP
S-160
NOTES
1J = Commercial temperature range (0
°C to +70°C).
2S = PQFP (Plastic Quad Flatpack).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com