Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV601 Datasheet(PDF) 38 Page - Analog Devices

Part # ADV601
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADV601 Datasheet HTML 34Page - Analog Devices ADV601 Datasheet HTML 35Page - Analog Devices ADV601 Datasheet HTML 36Page - Analog Devices ADV601 Datasheet HTML 37Page - Analog Devices ADV601 Datasheet HTML 38Page - Analog Devices ADV601 Datasheet HTML 39Page - Analog Devices ADV601 Datasheet HTML 40Page - Analog Devices ADV601 Datasheet HTML 41Page - Analog Devices ADV601 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
ADV601
–38–
REV. 0
CCIR-656 Video Format Timing
The diagrams in this section show transfer timing for pixel (YCrCb), line (horizontal), and frame (vertical) data in CCIR-656 video
mode. All output values assume a maximum pin loading of 50 pF. Note that in timing diagrams for CCIR-656 video, the label CTRL
indicates the VSYNC, HSYNC, and FIELD pins. Also note that for CCIR-656 video mode, the CREF pin is unused.
Table XXIII. CCIR-656 Video—Decode Pixel (YCrCb) Timing Parameters
Parameter
Description
Min
Max
Units
tVDATA_DC_D
VDATA Signals, Decode CCIR656 Mode, Delay
N/A
14
ns
tVDATA_DC_OH
VDATA Signals, Decode CCIR656 Mode, Output Hold
2
N/A
ns
tCTRL_DC_D
CTRL Signals, Decode CCIR656 Mode, Delay
N/A
11
ns
tCTRL_DC_OH
CTRL Signals, Decode CCIR656 Mode, Output Hold
3
N/A
ns
(O) CTRL
(O) VCLKO
t
CTRL_DC_OH
(O) VDATA
t
VDATA_DC_OH
t
VDATA_DC_D
VALID
VALID
VALID
t
CTRL_DC_D
VALID
VALID
VALID
Figure 25. CCIR-656 Video—Decode Pixel (YCrCb) Transfer Timing
Table XXIV. CCIR-656 Video—Encode Pixel (YCrCb) Timing Parameters
Parameter
Description
Min
Max
Units
tVDATA_EC_S
VDATA Bus, Encode CCIR656 Mode, Setup
2
N/A
ns
tVDATA_EC_H
VDATA Bus, Encode CCIR656 Mode, Hold
5
N/A
ns
tCTRL_EC_D
CTRL Signals, Encode CCIR656 Mode, Delay
N/A
33
ns
tCTRL_EC_OH
CTRL Signals, Encode CCIR656 Mode, Output Hold
20
N/A
ns
t
VDATA_EC_H
(O) CTRL
(I) VCLK
(I) VDATA
ASSERTED
VALID
ASSERTED
VALID
t
VDATA_EC_S
t
CTRL_EC_D
t
CTRL_EC_OH
Figure 26. CCIR-656 Video—Encode Pixel (YCrCb) Transfer Timing
(I) VCLK
(O) VCLKO
(VCLK2 = 0)
(I) VCLKO
(VCLK2 = 1)
t
VCLK_CYC
t
VCLKO_D0
t
VCLKO_D1
NOTE:
USE VCLK FOR CLOCKING VIDEO-ENCODE OPERATIONS AND USE VCLKO FOR CLOCKING VIDEO-DECODE OPERATIONS.
DO NOT TRY TO USE EITHER CLOCK FOR BOTH ENCODE AND DECODE.
Figure 24. Video Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com