Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7175A Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7175A Datasheet HTML 35Page - Analog Devices ADV7175A Datasheet HTML 36Page - Analog Devices ADV7175A Datasheet HTML 37Page - Analog Devices ADV7175A Datasheet HTML 38Page - Analog Devices ADV7175A Datasheet HTML 39Page - Analog Devices ADV7175A Datasheet HTML 40Page - Analog Devices ADV7175A Datasheet HTML 41Page - Analog Devices ADV7175A Datasheet HTML 42Page - Analog Devices ADV7175A Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
ADV7175A/ADV7176A
–39–
REV. B
APPENDIX 8
OUTPUT WAVEFORMS
0.6
0.4
0.2
0.0
0.2
L608
0.0
10.0
20.0
30.0
40.0
50.0
60.0
MICROSECONDS
NOISE REDUCTION: 0.00 dB
APL = 39.1%
PRECISION MODE OFF
SOUND-IN-SYNC OFF
625 LINE PAL
NO FILTERING
SYNCHRONOUS
SYNC = SOURCE
SLOW CLAMP TO 0.00 V AT 6.72
s
FRAMES SELECTED: 1 2 3 4
Figure 73. 100/ 75% PAL Color Bars
MICROSECONDS
APL NEEDS SYNC = SOURCE!
PRECISION MODE OFF
SOUND-IN-SYNC OFF
625 LINE PAL
NO FILTERING
SYNCHRONOUS
SYNC = A
SLOW CLAMP TO 0.00 V AT 6.72
s
FRAMES SELECTED: 1
0.5
0.0
L575
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
Figure 74. 100/ 75% PAL Color Bars Luminance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com