Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7233 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7233
Description  4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7233 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7233 Datasheet HTML 1Page - Richtek Technology Corporation RT7233 Datasheet HTML 2Page - Richtek Technology Corporation RT7233 Datasheet HTML 3Page - Richtek Technology Corporation RT7233 Datasheet HTML 4Page - Richtek Technology Corporation RT7233 Datasheet HTML 5Page - Richtek Technology Corporation RT7233 Datasheet HTML 6Page - Richtek Technology Corporation RT7233 Datasheet HTML 7Page - Richtek Technology Corporation RT7233 Datasheet HTML 8Page - Richtek Technology Corporation RT7233 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
RT7231/32/33/34
5
DS7231/32/33/34-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 3)
Supply Voltage, VIN ----------------------------------------------------------------------------------------------- 4.5V to 18V
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN, VCC ---------------------------------------------------------------------------------------
−0.3V to 20V
Switch Voltage, SW -----------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
< 10ns ----------------------------------------------------------------------------------------------------------------
−5V to 25V
BOOT to SW --------------------------------------------------------------------------------------------------------
−0.3V to 6V
EN ----------------------------------------------------------------------------------------------------------------------
−0.3V to 20V
Other Pins ------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
TSSOP-14 (Exposed Pad) --------------------------------------------------------------------------------------- 2.50W
WDFN-10L 3x3 ------------------------------------------------------------------------------------------------------ 1.67W
SOP-8 (Exposed Pad) -------------------------------------------------------------------------------------------- 2.041W
Package Thermal Resistance (Note 2)
TSSOP-14 (Exposed Pad),
θJA --------------------------------------------------------------------------------- 40°C/W
WDFN-10L 3x3,
θJA ------------------------------------------------------------------------------------------------ 60°C/W
WDFN-10L 3x3,
θJC ------------------------------------------------------------------------------------------------ 7.5°C/W
SOP-8 (Exposed Pad),
θJA --------------------------------------------------------------------------------------- 49°C/W
SOP-8 (Exposed Pad),
θJC -------------------------------------------------------------------------------------- 15°C/W
Junction Temperature Range ------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
(VIN = 12V, TA = 25
°C, unless otherwise specified)
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Shutdown Current
ISHDN
VEN = 0V
--
1
10
μA
Quiescent Current
IQ
VEN = 5V, VFB = 0.8V
--
1
1.3
mA
Logic Threshold
Logic-High
2
--
18
EN Input Voltage
Logic-Low
--
--
0.4
V
VFB Voltage and Discharge Resistance
TA = 25°C
0.757
0.765
0.773
Feedback Threshold Voltage
VFB
TA = −40°C to 85°C
0.755
--
0.775
V
Feedback Input Current
IFB
VFB = 0.8V
--
0.01
0.1
μA
VOUT Discharge Resistance
RDIS
VEN = 0V, VS = 0.5V
--
50
100
Ω
VREG5 Output
VREG5 Output Voltage
VREG5
6V
≤ VIN ≤ 18V, 0 < IVREG5 < 5mA
4.8
5.1
5.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com